Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD70433 Datasheet(PDF) 1 Page - NEC

Part # UPD70433
Description  V55PITM 16-BIT MICROPROCESSOR
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70433 Datasheet(HTML) 1 Page - NEC

  UPD70433 Datasheet HTML 1Page - NEC UPD70433 Datasheet HTML 2Page - NEC UPD70433 Datasheet HTML 3Page - NEC UPD70433 Datasheet HTML 4Page - NEC UPD70433 Datasheet HTML 5Page - NEC UPD70433 Datasheet HTML 6Page - NEC UPD70433 Datasheet HTML 7Page - NEC UPD70433 Datasheet HTML 8Page - NEC UPD70433 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 166 page
background image
The
µPD70433 (V55PI) is a microprocessor in which a 16-bit CPU, RAM, serial interface, parallel interface, A/D
converter, timers, DMA controller, interrupt controller, etc., are integrated in a single chip.
The V55PI is software-compatible with the
µPD70320 and 70330 (V25TM and V35TM) single-chip microcontrollers. The
V55PI provides a migration path from the V25. It offers higher-level functions and higher performance, and is particularly
suitable for control of data processing systems associated with mechanical control, including printer and facsimile.
Detailed functions are described in the following user’s manuals, which should be read when carrying out
design work.
• V55PI User’s Manual Hardware
: U10514E
• V55PI User’s Manual Instruction
: U10231E
FEATURES
• Internal 16-bit architecture, selectable external data bus width (16/8 bits)
• Software compatible with V20TM and V30TM (native mode) and V25 and V35 (includes additional instructions)
• Minimum instruction cycle: 160 ns/12.5 MHz (external 25 MHz)
125 ns/16 MHz (external 32 MHz)
• Address space: 16M bytes:
1-Mbyte basic memory space
16-Mbyte extended memory space
• Register file space (in on-chip RAM) : 512 bytes/16 register banks
• I/O space : 64K bytes
• Automatic wait control with memory space divided in variable sizes (max. 6 blocks)
• I/O line (input ports: 11 bits, input/output ports: 42 bits)
• DMA controller (DMAC): Max. 4-channel configuration possible
• Four DMA transfer modes (single transfer, demand release, single step, burst)
• Intelligent DMA modes 1 and 2
• Serial interface: 2 channels
• Asynchronous mode (UART) or clocked mode (CSI) selectable
• Parallel interface: 8 bits
• Centronics data input/output and general-purpose data input/output
• A/D converter (8 bits): 4 channels
• Real-time output port: 4 bits × 2 channels or 8 bits × 1 channel
• PMW (Pulse Width Modulation) output function : 8 bits
DESCRIPTION
MOS INTEGRATED CIRCUIT
µPD70433
V55PITM
16-BIT MICROPROCESSOR
Document No. U11775EJ4V0DS00 (4th edition)
Previous No. IC-8257
Date Published November 1996 P
Printed in Japan
©
1995
DATA SHEET
The information in this document is subject to change without notice.
The mark
shows major revised points.


Similar Part No. - UPD70433

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD70433 RENESAS-UPD70433 Datasheet
991Kb / 168P
MOS INTEGRATED CIRCUIT
1995
UPD70433GD-12-5BB RENESAS-UPD70433GD-12-5BB Datasheet
991Kb / 168P
MOS INTEGRATED CIRCUIT
1995
UPD70433GD-16-5BB RENESAS-UPD70433GD-16-5BB Datasheet
991Kb / 168P
MOS INTEGRATED CIRCUIT
1995
UPD70433GJ-12-3EB RENESAS-UPD70433GJ-12-3EB Datasheet
991Kb / 168P
MOS INTEGRATED CIRCUIT
1995
UPD70433GJ-16-3EB RENESAS-UPD70433GJ-16-3EB Datasheet
991Kb / 168P
MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD70433

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
logo
Siemens Semiconductor G...
SAB8086 SIEMENS-SAB8086 Datasheet
755Kb / 38P
16-BIT MICROPROCESSOR
logo
NEC
UPD70108 NEC-UPD70108 Datasheet
2Mb / 82P
16-/8- Bit Microprocessor
logo
NXP Semiconductors
SCC68070 PHILIPS-SCC68070 Datasheet
2Mb / 74P
16/32-bit microprocessor
November 1990
logo
NEC
UPD70236A NEC-UPD70236A Datasheet
10Mb / 199P
16-BIT MICROPROCESSOR
logo
List of Unclassifed Man...
68000 ETC1-68000 Datasheet
4Mb / 68P
16-/32-Bit Microprocessor
logo
Digital Core Design
D68000 DCD-D68000 Datasheet
137Kb / 4P
16/32-bit Microprocessor
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
CMOS 16-Bit Microprocessor
January 9, 2009
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
CMOS 16-Bit Microprocessor
logo
Intel Corporation
8086 INTEL-8086 Datasheet
623Kb / 30P
16-BIT HMOS MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com