Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD70433 Datasheet(PDF) 21 Page - NEC

Part # UPD70433
Description  V55PITM 16-BIT MICROPROCESSOR
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70433 Datasheet(HTML) 21 Page - NEC

Back Button UPD70433 Datasheet HTML 17Page - NEC UPD70433 Datasheet HTML 18Page - NEC UPD70433 Datasheet HTML 19Page - NEC UPD70433 Datasheet HTML 20Page - NEC UPD70433 Datasheet HTML 21Page - NEC UPD70433 Datasheet HTML 22Page - NEC UPD70433 Datasheet HTML 23Page - NEC UPD70433 Datasheet HTML 24Page - NEC UPD70433 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 166 page
background image
21
µPD70433
However, using a segment override prefix instruction makes it possible for access of general variables to change from
DS0 to another segment register. Also, in addressing which uses BP as the base register, another segment register can
be used instead of SS.
Example
MOV
AW, 1000H
MOV
DS1 : AW
MOV
BL, DS1, BYTE PTR [IX]; DSI : Byte data read from IX
When a reset is performed, PS of register bank 15 is initialized to FFFFH, and SS, DS0 and DS1 are initialized to 0000H.
These registers are mapped onto the register file space (in on-chip RAM). The address is the value obtained by adding
the offset for each register to (register bank number
× 32).
Table 3-3. Segment Register Offsets
Register
Offset
DS0
08H
DS1
0EH
SS
0AH
PS
0CH
3.2.5
Extended Segment Registers (DS2, DS3)
In addition to the segment registers for accessing the 1M-byte basic memory space, the V55PI is provided with extended
segment registers which specify the start address of each 64K-byte segment of the 16M-byte extended memory space.
There are two extended segment registers, DS2 (Data Segment 2) and DS3 (Data Segment 3), which are used as shown
below.
DS2: Extended memory space general variable accesses (by segment override prefix instructions), source block
data accesses in extended memory space block transfer instructions, etc.
DS3: Extended memory space general variable accesses (by segment override prefix instructions), destination
block data accesses in extended memory space block transfer instructions, etc.
The data access using an extended semgnet register is performed by using the segment override prefix. Especially, in
the block transfer instruction, DS2 and DS3 can be specified simultaneously by segment override prefix. (In this case, the
order for DS2 and DS3 is optional.)
Example
REP
DS2:
DS3: MOVBKW ; Word memory block transfer from DS2 : IX to DS3 : IY.
The CPU specifies the start address of each segment with an extended segment register, and performs an access by
using another register or effective address for the specification of physical address, with the relative address from the start
address as the offset value.
The physical address is created as shown in the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com