Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD17P236 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # PD17P236
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD17P236 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button PD17P236_15 Datasheet HTML 8Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 9Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 10Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 11Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 12Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 13Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 14Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 15Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
µPD17P236
10
Data Sheet U14776EJ1V0DS00
2.1 Normal Operation Mode (2/2)
Pin No.
Symbol
Function
Output Format
At Reset
23 (24)
P0C0
These pins constitute a 4-bit I/O port that can be set in the input or
N-ch
Low-level
24 (25)
P0C1
output mode in 4-bit units (group I/O).
open-drain
output
25 (26)
P0C2
In the input mode, these pins are CMOS input pins with a pull-up
26 (27)
P0C3
resistor, and can be used as the key return input lines of a key
matrix. The standby status is released when at least one of these
pins goes low.
In the output mode, they serve as N-ch open-drain output pins and
can be used as the output lines of a key matrix.
(15)
IC1
These pins cannot be used.
(30)
IC2
Leave open.
Remark
The number in parenthesis in the Pin No. column indicates the pin numbers of the 30-pin plastic SSOP.
2.2 PROM Programming Mode
Pin No.
Symbol
Function
Output Format
At Reset
3VPP
Power supply for PROM programming.
Apply +12.5 V to this pin as the program voltage when writing/
verifying program memory.
9VDD
Power supply. Apply +6 V to this pin when writing/verifying
program memory.
11
CLK
Inputs clock for PROM programming.
12
GND
Ground.
19 (20)
MD0
Input pins used to select operation mode when PROM is
Input

programmed.
22 (23)
MD3
23 (24)
D4
Input/output 8-bit data for PROM programming
CMOS
Input

push-pull
26 (27)
D7
27 (28)
D0
28 (29)
D1
1D2
2D3
Remarks 1. The other pins are not used in the PROM programming mode. How to handle the other opins are
described in PIN CONFIGURATION (2) PROM programming mode.
2. The number in parenthesis in the Pin No. column indicates the pin numbers of the 30-pin plastic
SSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com