Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD17P236 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PD17P236
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD17P236 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PD17P236_15 Datasheet HTML 17Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 18Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 19Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 20Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 21Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 22Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 23Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 24Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
µPD17P236
19
Data Sheet U14776EJ1V0DS00
DC Characteristics (TA = –40 to +85
°C, VDD = 2.2 to 3.6 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High-level input voltage
VIHI1
P1A0 (input), RESET, INT
0.8VDD
VDD
V
VIH2
P0A, P0B, P0C, P0D
0.7VDD
VDD
V
VIH3
P0E
0.8VDD
VDD
V
Low-level input voltage
VIL1
P1A0 (input), RESET, INT
0
0.2VDD
V
VIL2
P0A, P0B, P0C, P0D
0
0.3VDD
V
VIL3
P0E
0
0.35VDD
V
High-level input leakage
ILIH
P0A, P0B, P0C, P0D, P0E,
VIH = VDD
3
µA
current
P1A0, RESET, INT
Low-level input leakage
ILIL1
INT, P1A0
VIL = 0 V
–3
µA
current
ILIL2
P0E
VIL = 0 V
–3
µA
w/o pull-up resistor
Internal pull-up resistor
R1
P0E, RESET (pulled up)
25
50
100
k
R2
P0A, P0B, P0C, P0D
100
200
400
k
Internal pull-down resistor
R3
RESET (pulled down)
2.5
5
10
k
High-level output current
IOH1
REM
VOH = 1.0 V,
–6
–13
–24
mA
VDD = 3 V
High-level output voltage
VOH
P0E, REM
IOH = –0.5 mA VDD–0.3
VDD
V
Low-level output voltage
VOL1
P0B, P0C, P0D, P1A0 (output), REM
IOL = 0.5 mA
0
0.3
V
VOL2
P0E
IOL = 1.5 mA
0
0.3
V
Low-voltage detection
VDT
RESET pin pulled down, VDT = VDD
2.05
2.2
V
voltage
Data retention voltage
VDDDR
RESET = low level or STOP mode
1.3
3.6
V
Supply current
IDD1
Operating mode
VDD = 3 V
±10%
fX = 1 MHz
0.55
1.1
mA
(high-speed)
fX = 4 MHz
1.0
2.0
mA
fX = 8 MHz
1.3
2.6
mA
IDD2
Operating mode
VDD = 3 V
±10%
fX = 1 MHz
0.5
1.0
mA
(low-speed)
fX = 4 MHz
0.75
1.5
mA
fX = 8 MHz
0.9
1.8
mA
IDD3
HALT mode
VDD = 3 V
±10%
fX = 1 MHz
0.4
0.8
mA
fX = 4 MHz
0.5
1.0
mA
fX = 8 MHz
0.6
1.2
mA
IDD4
STOP mode
VDD = 3 V
±10%
2.0
20.0
µA
built-in POC
TA = 25
°C
2.0
5.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com