Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3406AB-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3406AB-2
Description  2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406AB-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC3406AB-2 Datasheet HTML 1Page - Linear Technology LTC3406AB-2 Datasheet HTML 2Page - Linear Technology LTC3406AB-2 Datasheet HTML 3Page - Linear Technology LTC3406AB-2 Datasheet HTML 4Page - Linear Technology LTC3406AB-2 Datasheet HTML 5Page - Linear Technology LTC3406AB-2 Datasheet HTML 6Page - Linear Technology LTC3406AB-2 Datasheet HTML 7Page - Linear Technology LTC3406AB-2 Datasheet HTML 8Page - Linear Technology LTC3406AB-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3406AB-2
2
3406ab2f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage....................................– 0.3V to 6V
RUN, VFB Voltages .......................................–0.3V to VIN
SW Voltage (DC) ........................... – 0.3V to (VIN + 0.3V)
P-Channel Switch Source Current
(DC) (Note 7) .......................................................800mA
N-Channel Switch Sink Current (DC) (Note 7) .....800mA
Peak SW Sink and Source Current (Note 7) .............1.3A
Operating Temperature Range (Note 2) ...– 40°C to 85°C
Maximum Junction Temperature (Notes 3, 6)....... 125°C
Storage Temperature Range...................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
RUN 1
GND 2
SW 3
5 VFB
4 VIN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 250°C/W, θJC = 90°C/W
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVFB
Feedback Current
●
±30
nA
VFB
Regulated Feedback Voltage
(Note 4)
●
0.5880
0.6
0.6120
V
ΔVFB
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 4)
●
0.04
0.4
%/V
IPK
Peak Inductor Current
VIN = 3V, VFB = 0.5V
Duty Cycle < 35%
0.75
1
1.25
A
VLOADREG
Output Voltage Load Regulation
0.5
%
VIN
Input Voltage Range
●
2.5
5.5
V
IS
Input DC Bias Current
Active
Shutdown
(Note 5)
VFB = 0.63V
VRUN = 0V, VIN = 5.5V
200
0.1
300
1
μA
μA
fOSC
Oscillator Frequency
VFB = 0.6V
●
1.8
2.25
2.7
MHz
RPFET
RDS(ON) of P-Channel FET
ISW = 100mA
0.23
0.35
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = –100mA
0.21
0.35
Ω
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 5V, VIN = 5V
±0.01
±1
μA
tSOFT-START
Soft-Start Time
VFB from 10% to 90% Full-Scale
0.6
0.9
1.2
ms
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise specified.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3406ABES5-2#PBF
LTC3406ABES5-2#TRPBF
LTDBB
5-Lead Plastic TSOT-23
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com