Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3406AB-2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3406AB-2
Description  2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406AB-2 Datasheet(HTML) 3 Page - Linear Technology

  LTC3406AB-2 Datasheet HTML 1Page - Linear Technology LTC3406AB-2 Datasheet HTML 2Page - Linear Technology LTC3406AB-2 Datasheet HTML 3Page - Linear Technology LTC3406AB-2 Datasheet HTML 4Page - Linear Technology LTC3406AB-2 Datasheet HTML 5Page - Linear Technology LTC3406AB-2 Datasheet HTML 6Page - Linear Technology LTC3406AB-2 Datasheet HTML 7Page - Linear Technology LTC3406AB-2 Datasheet HTML 8Page - Linear Technology LTC3406AB-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3406AB-2
3
3406ab2f
OUTPUT CURRENT (mA)
2
6
3406AB2 G01
3
4
5
100
90
80
70
60
50
40
30
20
10
0
IL = 10mA
IL = 100mA
IL = 600mA
VOUT = 1.8V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3406AB2 G02
0
1
VOUT = 1.2V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
INPUT VOLTAGE (V)
2
6
3406AB2 G03
3
4
5
100
90
80
70
60
50
40
30
20
10
0
IL = 10mA
IL = 100mA
IL = 600mA
VOUT = 1.2V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3406AB2 G04
0
1
VOUT = 2.5V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
INPUT VOLTAGE (V)
2
6
3406AB2 G05
3
4
5
100
90
80
70
60
50
40
30
20
10
0
IL = 10mA
IL = 100mA
IL = 600mA
VOUT = 2.5V
TEMPERATURE (
°C)
–50
0.605
0.610
0.615
25
75
3406AB2 G06
0.600
0.595
–25
0
50
100
125
0.590
0.585
VIN = 3.6V
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3406AB-2E is guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3406AB-2: TJ = TA + (PD)(250°C/W)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRUN
RUN Threshold
●
0.3
1
1.5
V
IRUN
RUN Leakage Current
●
±0.01
±1
μA
Note 4: The LTC3406AB-2 is tested in a proprietary test mode that
connects VFB to the output of the error amplifier.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 6: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 7: Limited by long term current density considerations.
Efficiency vs Input Voltage
Efficiency vs Load Current
Efficiency vs Input Voltage
Efficiency vs Load Current
Efficiency vs Input Voltage
Reference Voltage vs
Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
(From Figure 1a Except for the Resistive Divider Resistor Values)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com