Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0440 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TN0440
Description  M24256 and M24512 EEPROM devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0440 Datasheet(HTML) 2 Page - STMicroelectronics

  TN0440 Datasheet HTML 1Page - STMicroelectronics TN0440 Datasheet HTML 2Page - STMicroelectronics TN0440 Datasheet HTML 3Page - STMicroelectronics TN0440 Datasheet HTML 4Page - STMicroelectronics TN0440 Datasheet HTML 5Page - STMicroelectronics TN0440 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M24xxx EEPROM: 400 kHz and 1 MHz clock
TN0440
2/6
DocID018338 Rev 2
1
M24xxx EEPROM: 400 kHz and 1 MHz clock
1.1
M24xxx 400 kHz AC tables until 2007
In the last revisions of the I²C-bus specification, defined by NXP/Philips, one can see that
the 1 MHz serial clock rate was introduced in 2007:
•
January 2000: the I²C-bus specification defines a clock rate of either 100 kHz, 400 kHz
or 3.4 MHz(a).
•
June 2007: the I²C-bus specification defines a new table offering all timings related to
the 1 MHz clock.
Before 2007, the M24xxx EEPROM devices offered by ST were specified with an AC table
based on a 400 kHz (max) clock rate.
Two main differences appear when comparing the 400 kHz M24xxx AC table with the I²C-
bus specification AC table (see Table 2):
•
the min value of Data out hold time (tCLQX);
•
the max value of Pulse width ignored (tNS).
Why such differences?
The M24xxx devices are designed to offer the best performances compatible with the I²C-
bus specification, that is:
•
tCLQX
The min value of tCLQX provides a delay for the data out time (from the falling edge of the
serial clock SCL: time for the data line SDA to hold the previous bit value before changing
state). This min value pushes away the SDA change from the SCL falling edge: that is a
safe timing condition, as SDA and SCL must never switch at the same time (such an event
is a critical event for the I²C-bus, as it could be randomly decoded as either a Start, a Stop or
a Data-in event).
•
tNS
The greater the value of tNS, the better the filter can screen out spikes added on the I²C bus.
a. The 3.4 MHz clock rate is not supported by the M24xxx EEPROM.
Table 2. Access time and Noise filter parameters specified in the 400 kHz AC table
Symbol
Alt
Parameter
M24xxx
I2C-bus
Unit
Min
Max
Min
Max
tCLQV
tAA
Data valid time
-
900
-
900
ns
tCLQX
tHD:DAT Data out hold time
100
-
0
-
ns
tNS
tSP
Pulse width ignored (input filter on SCL and
SDA)
-
50 (or
more)
050
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com