Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0440 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TN0440
Description  M24256 and M24512 EEPROM devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0440 Datasheet(HTML) 3 Page - STMicroelectronics

  TN0440 Datasheet HTML 1Page - STMicroelectronics TN0440 Datasheet HTML 2Page - STMicroelectronics TN0440 Datasheet HTML 3Page - STMicroelectronics TN0440 Datasheet HTML 4Page - STMicroelectronics TN0440 Datasheet HTML 5Page - STMicroelectronics TN0440 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DocID018338 Rev 2
3/6
TN0440
M24xxx EEPROM: 400 kHz and 1 MHz clock
6
1.2
M24xxx 1 MHz AC tables after 2007
The M24xxx devices running with a 1 MHz clock frequency were introduced by
STMicroelectronics from year 2007. Here again, the M24xxx compatible with the new 1 MHz
I²C-bus specification were designed with timings able to offer the best performances.
Now, when comparing the 1 MHz I²C-bus specification and the M24xxx AC table, the tCLQV
and tNS timing values are as shown in Table 3:
•
tCLQX(min) is here again specified with a positive value (as this offers a safe timing
condition, as explained for the previous 400 kHz table).
•
tNS is now equal or better than the value defined in the I²C-bus specification.
1.3
Compatibility of 400 kHz and 1 MHz AC timing specifications
It is important to note that:
•
all M24xxx products specified at 1 MHz can run at lower frequencies, and therefore can
run at 400 kHz ;
•
old products designed only for the 400 kHz AC tables (AC tables before 2007) cannot
run at 1 MHz.
Table 3. Access time and Noise filter parameters specified in the 1 MHz AC table
Symbol
Alt
Parameter
M24xxx
I2C-bus
Unit
Min. Max. Min. Max.
tCLQV
tAA
Data valid time
-
500
-
450
ns
tCLQX
tHD:DAT Data out hold time
50 (or
more)
-0-
ns
tNS
tSP
Pulse width ignored (input filter on SCL and
SDA)
50 (or
more)
050
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com