Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0193 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 4Page - STMicroelectronics UM0193 Datasheet HTML 5Page - STMicroelectronics UM0193 Datasheet HTML 6Page - STMicroelectronics UM0193 Datasheet HTML 7Page - STMicroelectronics UM0193 Datasheet HTML 8Page - STMicroelectronics UM0193 Datasheet HTML 9Page - STMicroelectronics UM0193 Datasheet HTML 10Page - STMicroelectronics UM0193 Datasheet HTML 11Page - STMicroelectronics UM0193 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Hardware
UM0193
8/35
1.5
I²C interface
A 10-pin connector (J28) provides the Inter-Integrated Circuit (I²C) through the I2C0 channel
of the STR730F microcontroller as shown in Figure 8.
Connector J28 also provides additional general purpose signals (GP0, GP1 and GP2).
Figure 8.
I²C connector pinout
1.6
JTAG interface
A 20-pin connector (J7) provides the JTAG interface as shown in Figure 9.
This interface is primarily used for communicating with a PC using suitable converter box
such as J-Link from IAR Systems or R-Link from Raisonance, etc. There exists a wide
choice of development tools on the market supporting microcontroller Flash memory
programming and application debugging.
Figure 9.
JTAG connector pinout
Table 6.
I²C Connections
J28 Pin
Signal
STR730F MCU
Peripheral
1GND
2+5V DC
3
SDA (Serial Data)
Port 2.15
I2C0
4
Not connected
5
SCL (Serial Clock)
Port 2.14
I2C0
6
Not connected
7
GP0
Port 3.2
GPIO
8
GP1
Port 3.1
GPIO
9
GP2
Port 3.0
GPIO
10
Not connected
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10 12 14
11 13 15
16 18 20
17 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com