Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS651 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # MPS651
Description  EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPS651 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  MPS651 Datasheet HTML 1Page - KEC(Korea Electronics) MPS651 Datasheet HTML 2Page - KEC(Korea Electronics) MPS651 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1999. 11. 30
3/3
MPS651
Revision No : 2
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0.5
1
3
10
0.01
30
100
550
0.005
0.03
0.05
0.1
0.3
0.5
1
3
5
ICP
C
I
MAX.
DC
OPERATION
1sec
20
40
60
80
100
120
140
160
200
400
600
800
1k
1.2k
1PULSE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com