Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS651 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MPS651
Description  EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPS651 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MPS651 Datasheet HTML 1Page - KEC(Korea Electronics) MPS651 Datasheet HTML 2Page - KEC(Korea Electronics) MPS651 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1999. 11. 30
1/3
SEMICONDUCTOR
TECHNICAL DATA
MPS651
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
VOLTAGE REGULATOR, RELAY,
RAMP DRIVER, INDUSTRIAL USE
FEATURES
High Voltage : VCEO=60V(Min.).
High Current : IC(Max.)=1A.
High Transition Frequency : fT=150MHz(Typ.).
Wide Area of Safe Operation.
Complementary to MPS751.
MAXIMUM RATING (Ta=25 )
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
3. COLLECTOR
2. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=50V, IE=0
-
-
100
nA
Emitter Cut-off Current
IEBO
VEB=4V, IC=0
-
-
100
nA
DC Current Gain
hFE(1)
VCE=2V, IC=50mA
100
-
320
hFE(2)
VCE=2V, IC=1A
30
-
-
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, IB=0
60
-
-
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
-
0.15
0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=500mA, IB=50mA
-
0.85
1.2
V
Transition Frequency
fT
VCE=10V, IC=50mA
-
150
-
MHz
Collector Output Capacitanc
Cob
VCB=10V, IE=0, f=1MHz
-
12
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
DC
IC
1
A
Pulse
ICP
2
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Note : hFE(1) Classification
Y:100 200 , GR:160 320


Similar Part No. - MPS651

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
Switching and Amplifier Applications
logo
ON Semiconductor
MPS651 ONSEMI-MPS651 Datasheet
103Kb / 6P
Amplifier Transistors
May, 2005 ??Rev. 2
MPS651 ONSEMI-MPS651 Datasheet
74Kb / 5P
Amplifier Transistors
April, 2007 ??Rev. 3
logo
Micro Commercial Compon...
MPS651 MCC-MPS651 Datasheet
233Kb / 3P
NPN Encapsulate Transistors
logo
Central Semiconductor C...
MPS651 CENTRAL-MPS651 Datasheet
463Kb / 2P
NPN - High Current Transistor Chip
More results

Similar Description - MPS651

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1668 KEC-KTA1668 Datasheet
75Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL)
KTA708 KEC-KTA708 Datasheet
76Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTB1124 KEC-KTB1124 Datasheet
88Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTB764 KEC-KTB764 Datasheet
80Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(VOLTAGE REGULATOR, RELAY, RAMP DRIVER, INDUSTRIAL USE)
KTB985 KEC-KTB985 Datasheet
88Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTC1008 KEC-KTC1008 Datasheet
244Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTC2804 KEC-KTC2804 Datasheet
254Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
KTC4378 KEC-KTC4378 Datasheet
319Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL USE)
KTD1028V KEC-KTD1028V Datasheet
363Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (INDUSTRIAL USE HIGH CURRENT)
KTD863 KEC-KTD863 Datasheet
311Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com