Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0225 Datasheet(PDF) 54 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 49Page - STMicroelectronics UM0225 Datasheet HTML 50Page - STMicroelectronics UM0225 Datasheet HTML 51Page - STMicroelectronics UM0225 Datasheet HTML 52Page - STMicroelectronics UM0225 Datasheet HTML 53Page - STMicroelectronics UM0225 Datasheet HTML 54Page - STMicroelectronics UM0225 Datasheet HTML 55Page - STMicroelectronics UM0225 Datasheet HTML 56Page - STMicroelectronics UM0225 Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Designing with CAPS
UM0225
53/56
1.
To uninstall the JTD, go to the command line prompt and type,
>> JTDCFGW uninstall
This command uninstalls the fast JTAG driver from your system.
If you are unable to boot into Windows,
a)
press and hold F8 immediately during boot up.
b)
Select Safe Mode to skip loading the JTD driver.
On systems that continue loading JTD driver, boot into Safe Mode with command
prompt. Rename JTD.sys and JTDMSG.dll in the “WINDOWS\system32\drivers”
folder to prevent loading the JTD driver upon bootup.
c)
Reboot into Normal mode and restore the above two file names before executing
“JTDCFGW uninstall.”
2.
If you have not already installed PEP driver, go to CAPS subfolder “Drivers\Needhams”
and invoke INSTALL.BAT. If INSTALL.BAT does not exist, then go to your prompt
command line prompt and follow the steps below:
>> Run regpep
>> Copy pepnt.sys %windir%\system32\drivers\*.*
3.
Go to the CAPS folder and update uPSDsoft.INI as follows:
[JTAG]
Driver=PEP
(indicates the PEP driver is used. OD indicates the JTD driver is used.)
4.
Reboot your system.
D.2.3
Hyper-thread enabled system: using solution 1
Use the following steps to disable hyper-thread and use the fast JTD driver.
1.
During power-on – Press F2 to enter CMOS setup.
2.
Move to CPU Information.
3.
Choose hyper-thread and toggle to disabled.
4.
Save the configuration and continue with the boot process.
Follow the steps below to install JTD driver:
1.
If you have not already intalled JTD driver, go to CAPS subfolder “Drivers\Flink” and
invoke JTDINSTALL.BAT.
2.
Reboot your system.
D.2.4
Hyper-thread enabled system: using solution 2
Use the following steps to leave hyper-thread enabled and use the standard parallel port driver
(PEP). (Uninstall the JTD driver and install the PEP driver).
1.
To uninstall the JTD, enter the following at the command line prompt:
>> JTDCFGW uninstall
If you are unable to boot into Windows,
a)
press and hold F8 immediately during boot up.
b)
Select Safe Mode to skip loading the JTD driver.
On systems that continue loading JTD driver, boot into Safe Mode with command
prompt. Rename JTD.sys and JTDMSG.dll in the “WINDOWS\system32\drivers”
folder to prevent loading the JTD driver upon bootup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com