Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0225 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM0225
Description  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 31Page - STMicroelectronics UM0225 Datasheet HTML 32Page - STMicroelectronics UM0225 Datasheet HTML 33Page - STMicroelectronics UM0225 Datasheet HTML 34Page - STMicroelectronics UM0225 Datasheet HTML 35Page - STMicroelectronics UM0225 Datasheet HTML 36Page - STMicroelectronics UM0225 Datasheet HTML 37Page - STMicroelectronics UM0225 Datasheet HTML 38Page - STMicroelectronics UM0225 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
34/56
–
Only one device in a chain will be programmed at a time, not concurrently.
–
Before any JTAG operation can begin, the chain order must be defined and the
instruction register length for each device must be known by the software.
Note:
The order of the chain is important when programming the devices. You must set up the chain
in your programming software such that it matches physical ordering of the devices on your
board. The multiple device view, in Project Preferences... allows you to build the JTAG-ISP
chain.Next, setup and power your target device as described in 1.2: Setting up the target
hardware.
2.
Setup and power your target device as described in 1.2: Setting up the target hardware.
CAPS setup and the hardware are now ready for programming the device.
Click the Program Device design flow button to access the device verification and
programming dialog.
CAPS verifies the changes made in the previous design steps were applied, by clicking the
Apply button, before continuing with device programming. If the current open project settings
differ from the saved data file for the project, the dialog shown in Figure 31.: Project file
synchronization dialog gives the option to synchronize with the saved project file.
Figure 31. Project file synchronization dialog
Click Continue or Cancel to proceed without updating the programming data file. Click Update
to write the current project settings to the saved file.
If Single device view is selected in the Project Preferences... menu, the program displays
Figure 32.: Programming dialog for single device. (All discussion for the single device dialog
also applies to the multiple device dialog. The multiple device dialog provides additional
chaining options, which are discussed in 3.7.5: Chaining multiple devices).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com