Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0250 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM0250
Description  Getting started with the ST7
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0250 Datasheet(HTML) 3 Page - STMicroelectronics

  UM0250 Datasheet HTML 1Page - STMicroelectronics UM0250 Datasheet HTML 2Page - STMicroelectronics UM0250 Datasheet HTML 3Page - STMicroelectronics UM0250 Datasheet HTML 4Page - STMicroelectronics UM0250 Datasheet HTML 5Page - STMicroelectronics UM0250 Datasheet HTML 6Page - STMicroelectronics UM0250 Datasheet HTML 7Page - STMicroelectronics UM0250 Datasheet HTML 8Page - STMicroelectronics UM0250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
UM0250
Getting started
3/12
1
Getting started
1.1
System requirements
In order to use the Low-speed USB/RS232 Evaluation Kit with the Windows operating
system, a recent version of Windows, such as Windows 98, Windows Millennium or
Windows 2000 must be installed on the PC.
The version of the Windows OS installed on your PC may be determined by clicking on the
“System” icon in the Control Panel.
Important: When running the HID evaluation board applet provided in the package, verify
that the correct version of the HID.dll file is installed:
●
Windows 98: HID.dll - Version 4.10.1998
●
Windows 98 SE: HID.dll - Version 4.10.2222
●
Windows Millennium: HID.dll - Version 4.90.300.1
●
Windows 2000: HID.dll - Version 5.00.2134.1
●
Windows XP: HID.dll - Version 5.1.2600.0
1.2
Package contents
The Low-speed USB/RS232 Evaluation Kit includes the following items:
Hardware content
●
One evaluation board with ICC, USB and Serial connectors.
●
One soldered ST72F60K2U1 low-speed USB microcontroller device (QFN40 package).
This is a FLASH device allowing up to 100 reprogramming cycles. The ST72F60K2U1
is delivered already programmed with the evaluation firmware.
Software contents (Contact the Sales Office or www.st.com for the most recent version)
●
PC executable software for evaluating the USB/Serial Port Bridge. The source file,
written in Delphi, is provided as an application example using the HID driver.
●
ST7 firmware (C source code) for the ST72F60/63B
Documentation (Contact the Sales Office or www.st.com for the most recent version)
●
ST7260 and ST7263B datasheets
●
PCB production data
●
ST7263B/ST7260 flyer
●
This Getting Started Manual
1.3
Software installation
Install the Bridgels.exe file on your computer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com