Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0250 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0250
Description  Getting started with the ST7
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0250 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0250 Datasheet HTML 1Page - STMicroelectronics UM0250 Datasheet HTML 2Page - STMicroelectronics UM0250 Datasheet HTML 3Page - STMicroelectronics UM0250 Datasheet HTML 4Page - STMicroelectronics UM0250 Datasheet HTML 5Page - STMicroelectronics UM0250 Datasheet HTML 6Page - STMicroelectronics UM0250 Datasheet HTML 7Page - STMicroelectronics UM0250 Datasheet HTML 8Page - STMicroelectronics UM0250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Getting started
UM0250
4/12
1.4
Hardware installation
Figure 1 shows the location of the main components of the evaluation board. The schematic
drawing is given in Figure 6: Low-speed USB/RS232 Evaluation Board schematics on
page 10.
Figure 1.
Evaluation Board Layout
1.4.1
Power supply
The Low-speed USB/RS232 Evaluation Board is directly supplied by the USB Connector
(bus-powered) and therefore does not require an external voltage supply.
1.4.2
Data transfer via PC serial port
When connected to a PC serial port for data transfer purposes, a DTE (Data Terminal
Equipment) to DTE configuration is required. As a result, a cross-wired RS-232 cable must
be used as shown in Figure 2.
The Low-speed USB/RS232 Evaluation Board is equipped with two LEDs that display the
data transfer status:
●
Yellow/Orange LED: USB to Serial Bus transfer is active,
●
Green LED: Serial Bus to USB transfer is active.
ST3222E (on reverse side)
USB Connector & Supply
ST72F60Kx or ST72F63BDx
ICC Connector
RS-232 Connector
USB to Serial Port Transfer
Serial Port to USB Transfer
Active LED (Green)
Active LED (Yellow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com