Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0304 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0304
Description  STR91x DSP library
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0304 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0304 Datasheet HTML 2Page - STMicroelectronics UM0304 Datasheet HTML 3Page - STMicroelectronics UM0304 Datasheet HTML 4Page - STMicroelectronics UM0304 Datasheet HTML 5Page - STMicroelectronics UM0304 Datasheet HTML 6Page - STMicroelectronics UM0304 Datasheet HTML 7Page - STMicroelectronics UM0304 Datasheet HTML 8Page - STMicroelectronics UM0304 Datasheet HTML 9Page - STMicroelectronics UM0304 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
IIR ARMA 16-bit filter
UM0304
6/19
2
IIR ARMA 16-bit filter
2.1
Description
The IIR filter function performs an ARMA filter with 4 auto-regressive filter coefficients and 5
moving-average filter coefficients respectively for ny output samples. This is a 16-bit fixed-
point implementation. Reference [1] may be used to explore more about IIR filters.
2.2
Function
void iirarma_arm9e(void *y, void *x, short *h2, short *h1, int ny);
2.3
Arguments and variables
●
Output array vector y[ny+4] (used in actual computation. first four elements must have
the previous outputs. Thus the first output starts y[4] when ny = 0)
●
Input array vector x[ny+4]
●
Moving-average filter coefficients vector h2[5]
●
Auto-regressive filter coefficients h1[5] and h1[0] are not used
●
Number of output samples ny is a multiple of 4 and must be
≥ 8
2.3.1
Calling the function from C
Set the arguments and variables as appropriate in C main program and call the function.
In the STR91x DSPLIB this is set in the 91x_dsp.h header file.
2.3.2
Calling the function from assembly
Use the following registers equivalent to arguments/variables.
●
R0 to the address of output vector y[]
●
R1 to the address of input vector x[]
●
R2 to the address of coefficient vector h2[]
●
R3 to the address of coefficient vector h1[]
●
R12 to the address of ny
Then use the BL instruction to call the function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com