Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0304 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0304
Description  STR91x DSP library
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0304 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0304 Datasheet HTML 4Page - STMicroelectronics UM0304 Datasheet HTML 5Page - STMicroelectronics UM0304 Datasheet HTML 6Page - STMicroelectronics UM0304 Datasheet HTML 7Page - STMicroelectronics UM0304 Datasheet HTML 8Page - STMicroelectronics UM0304 Datasheet HTML 9Page - STMicroelectronics UM0304 Datasheet HTML 10Page - STMicroelectronics UM0304 Datasheet HTML 11Page - STMicroelectronics UM0304 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
IIR ARMA 16-bit filter
UM0304
8/19
2.7
Implementation
●
The output vector y[] contains ny + 4 locations, but its first 4 data are not used, i.e., first
output is y[4] while ny = 0.
●
The inner loop that iterated through the filter coefficients is completely unrolled.
●
The code is little ENDIAN.
●
The code is interrupt-tolerant but not interruptible.
2.8
Benchmarking
The benchmarking for this filter function is done using Chameleon Trace while the filter
function is running in STR91x engine with ARM966E-S. For the Chameleon Trace in ETM
Configuration Trace Port Size is set to 8 bit and Trace Port Mode is set to Normal, Half-rate
clocking, while the STR91x engine runs at 96 MHz.
Table 2.
Benchmarking of IIR ARMA algorithm module
Number of taps
Cycle count
Microseconds
72
6544
68.167
48
4396
45.792
24
2248
23.417



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com