Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD16724 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PD16724
Description  480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16724 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD16724 Datasheet HTML 1Page - Renesas Technology Corp PD16724 Datasheet HTML 2Page - Renesas Technology Corp PD16724 Datasheet HTML 3Page - Renesas Technology Corp PD16724 Datasheet HTML 4Page - Renesas Technology Corp PD16724 Datasheet HTML 5Page - Renesas Technology Corp PD16724 Datasheet HTML 6Page - Renesas Technology Corp PD16724 Datasheet HTML 7Page - Renesas Technology Corp PD16724 Datasheet HTML 8Page - Renesas Technology Corp PD16724 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµPD16724
480-OUTPUT TFT-LCD SOURCE DRIVER
(COMPATIBLE WITH 256-GRAY SCALE)
DATA SHEET
Document No. S16086EJ1V0DS00 (1st edition)
Date Published March 2003 NS CP (K)
Printed in Japan
2002
The mark 5
5
5
5 shows major revised points.
DESCRIPTION
The
µPD16724 is a source driver for TFT-LCDs capable of dealing with displays with 256-gray scale. Data input is
based on digital input configured as 8 bits by 6 dots (2 pixels), which can realize a full-color display of 16,777,216
colors by output of 256 values
γ -corrected by an internal D/A converter and 9-by-2 external power modules.
Because the output dynamic range is as large as VSS2 + 0.2 V to VDD2
− 0.2 V, level inversion operation of the LCD’s
common electrode is rendered unnecessary. It corresponds to the 2 x 2-dot inversion drive at the time of single-
sided mounting. The maximum clock frequency is 55 MHz when driving at 3.0 V.
FEATURES
• CMOS level input
• 480 outputs
• Input of 8 bits (gray scale data) by 6 dots
• Capable of outputting 256 values by means of 9-by-2 external power modules (18 units) and a D/A converter
• Logic power supply voltage (VDD1): 2.3 to 3.6 V
• Driver power supply voltage (VDD2): 12.0 to 15.0 V (switchable: LPC)
• Output dynamic range: VSS2 + 0.2 V to VDD2 − 0.2 V
• High-speed data transfer: fCLK = 55 MHz MAX. (internal data transfer speed when operating at VDD1 = 3.0 V)
• Apply for 2 x 2 dot-line inversion
• Output voltage polarity inversion function (POL)
• Input data inversion function (POL21, POL22)
• Output reset control (MODE1)
• Slew rate control mode switching (MODE2)
• Slew rate control (SRC1, SRC2)
• Bias current control (LPC)
ORDERING INFORMATION
Part Number
Package
µPD16724N-xxx
TCP (TAB package)
Remark The TCP’s external shape is customized. To order the required shape, so please contact one of our sales
representatives.
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com