Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3487 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3487
Description  Boost and Inverting Switching Regulator for CCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3487 Datasheet(HTML) 3 Page - Linear Technology

  LT3487 Datasheet HTML 1Page - Linear Technology LT3487 Datasheet HTML 2Page - Linear Technology LT3487 Datasheet HTML 3Page - Linear Technology LT3487 Datasheet HTML 4Page - Linear Technology LT3487 Datasheet HTML 5Page - Linear Technology LT3487 Datasheet HTML 6Page - Linear Technology LT3487 Datasheet HTML 7Page - Linear Technology LT3487 Datasheet HTML 8Page - Linear Technology LT3487 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3487
3
3487f
TYPICAL PERFOR A CE CHARACTERISTICS
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VBAT = 3.6V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Schottky DP Forward Drop
ISWP = 400mA
1045
mV
Schottky DN Forward Drop
ISWN = 600mA
980
mV
Disconnect PNP VCE
IVPOS = 50mA
205
mV
Disconnect Current Limit
VCAP = 15V, VPOS = 0V
100
155
mA
VCAP – VBAT to Disconnect
VBAT = 3.6V, VPOS = 0V, ICAP < 100µA
1.2
1.6
V
Disconnect Leakage
VBAT = 3.6V, CAP = 3.6V, VPOS = 0V
0.1
1.0
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3487E is guaranteed to meet specified performance from
0°C to 85°C. Specifications over the –40°C to 85°C operating range are
assured by design, characterization and correlation with statistical process
controls.
Shutdown Quiescent Current
Positive Output to Enable Inverter
FBP Voltage
Note 3: Guaranteed by design, not directly tested.
Note 4: Current flows out of pin.
Note 5: Current limit guaranteed by design and/or correlation to static test.
Slope compensation reduces current limit at higher duty cycle.
TEMPERATURE (
°C)
–50
–25
0
4
10
0
50
75
3487 G01
2
8
6
25
100
125
TEMPERATURE (
°C)
–50
–25
50
70
100
0
50
75
3487 G02
60
90
80
25
100
125
TEMPERATURE (
°C)
–50
1.200
1.225
1.250
1.275
1.300
–25
0
25
50
3487 G03
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com