Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3487 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3487
Description  Boost and Inverting Switching Regulator for CCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3487 Datasheet(HTML) 4 Page - Linear Technology

  LT3487 Datasheet HTML 1Page - Linear Technology LT3487 Datasheet HTML 2Page - Linear Technology LT3487 Datasheet HTML 3Page - Linear Technology LT3487 Datasheet HTML 4Page - Linear Technology LT3487 Datasheet HTML 5Page - Linear Technology LT3487 Datasheet HTML 6Page - Linear Technology LT3487 Datasheet HTML 7Page - Linear Technology LT3487 Datasheet HTML 8Page - Linear Technology LT3487 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3487
4
3487f
Positive Channel Switch VCE(SAT)
Positive Channel Schottky I-V
Characteristic
Negative Channel Schottky I-V
Characteristic
Output Disconnect Voltage Drop
(50mA Load)
TYPICAL PERFOR A CE CHARACTERISTICS
Negative Channel Switch VCE(SAT)
FBN Voltage
FBP Bias Current
FBN Bias Current
TEMPERATURE (
°C)
–50
7.5
25
3487 G04
0
–5.0
–25
0
50
–7.5
–10.0
10.0
5.0
2.5
–2.5
75
100
125
TEMPERATURE (
°C)
–50
24.0
24.5
25.0
25.5
26.0
–25
0
25
50
3487 G05
75
100
125
TEMPERATURE (
°C)
–50
24.0
24.5
25.0
25.5
26.0
–25
0
25
50
3487 G06
75
100
125
SWITCH CURRENT (mA)
0
0
100
200
300
400
500
100
200
300
400
3487 G07
500
600
SWITCH CURRENT (mA)
0
0
100
300
400
500
200
400 500
900
3487 G08
200
100
300
600 700 800
SCHOTTKY FORWARD DROP (mV)
600
0
100
200
300
400
700
800
900
1000
3487 G09
500
600
650
750
850
950
SCHOTTKY FORWARD DROP (mV)
600
400
600
1000
3487 G10
200
0
700
800
900
650
750
850
950
800
300
500
100
700
TEMPERATURE (
°C)
–50
100
150
200
250
300
–25
0
25
50
3487 G11
75
100
125
VCAP – VBAT (V)
0
100
120
140
10
3487 G20
80
60
2.5
5
7.5
12.5
40
20
0
VCAP – VPOS = 500mV
TA = 25°C
Maximum Disconnect Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com