Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3497 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3497
Description  Dual Full Function White LED Driver with Integrated Schottky Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 2 Page - Linear Technology

  LT3497 Datasheet HTML 1Page - Linear Technology LT3497 Datasheet HTML 2Page - Linear Technology LT3497 Datasheet HTML 3Page - Linear Technology LT3497 Datasheet HTML 4Page - Linear Technology LT3497 Datasheet HTML 5Page - Linear Technology LT3497 Datasheet HTML 6Page - Linear Technology LT3497 Datasheet HTML 7Page - Linear Technology LT3497 Datasheet HTML 8Page - Linear Technology LT3497 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3497
2
3497f
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ...................................................10V
SW1, SW2 Voltages ..................................................35V
CAP1, CAP2 Voltages................................................35V
CTRL1, CTRL2 Voltages............................................10V
LED1, LED2 Voltages ................................................35V
Operating Temperature Range ................. –40°C to 85°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.5
V
LED Current Sense Voltage (VCAP1 – VLED1)VCAP1 = 16V
●
190
200
210
mV
LED Current Sense Voltage (VCAP2 – VLED2)VCAP2 = 16V
●
190
200
210
mV
Offset Voltage (VOS) Between
(VCAP1 – VLED1) – (VCAP2 – VLED2) Voltages
VOS = |(VCAP1 – VLED1) – (VCAP2 – VLED2)|
0
2
8
mV
CAP1, LED1 Pin Bias Current
VCAP1 = 16V, VLED1 = 16V
20
40
µA
CAP2, LED2 Pin Bias Current
VCAP2 = 16V, VLED2 = 16V
20
40
µA
VCAP1, VLED1 Common Mode Minimum Voltage
2.5
V
VCAP2, VLED2 Common Mode Minimum Voltage
2.5
V
Supply Current
VCAP1 = VCAP2 = 16V, VLED1 = VLED2 = 15V,
VCTRL1 = VCTRL2 = 3V
6
8.5
mA
VCTRL1 = VCTRL2 = 0V
12
18
µA
Switching Frequency
1.8
2.3
2.8
MHz
Maximum Duty Cycle
88
92
%
Converter 1 Switch Current Limit SW1
●
300
400
mA
Converter 2 Switch Current Limit SW2
●
300
400
mA
Converter 1 VCESAT
ISW1 = 200mA
200
mV
Converter 2 VCESAT
ISW2 = 200mA
200
mV
Switch 1 Leakage Current
VSW1 = 16V
0.1
5
µA
Switch 2 Leakage Current
VSW2 = 16V
0.1
5
µA
TOP VIEW
11
DDB PACKAGE
10-LEAD (3mm
× 2mm) PLASTIC DFN
LED1
CTRL1
GND
CTRL2
LED2
CAP1
SW1
VIN
SW2
CAP2
6
8
7
9
10
5
4
2
3
1
TJMAX = 125°C, θJA = 76°C/W, θJC = 13.5°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DDB PART MARKING
LT3497EDDB
LCGT
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VCTRL1 = VCTRL2 = 3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com