Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3497 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3497
Description  Dual Full Function White LED Driver with Integrated Schottky Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 3 Page - Linear Technology

  LT3497 Datasheet HTML 1Page - Linear Technology LT3497 Datasheet HTML 2Page - Linear Technology LT3497 Datasheet HTML 3Page - Linear Technology LT3497 Datasheet HTML 4Page - Linear Technology LT3497 Datasheet HTML 5Page - Linear Technology LT3497 Datasheet HTML 6Page - Linear Technology LT3497 Datasheet HTML 7Page - Linear Technology LT3497 Datasheet HTML 8Page - Linear Technology LT3497 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3497
3
3497f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCTRL1 Voltage for Full LED Current
VCAP1 = 16V
●
1.5
V
VCTRL2 Voltage for Full LED Current
VCAP2 = 16V
●
1.5
V
VCTRL1 or VCTRL2 Voltage to Turn On the IC
●
100
mV
VCTRL1 and VCTRL2 Voltages to Shut Down the IC
50
mV
CTRL1, CTRL2 Pin Bias Current
100
nA
CAP1 Pin Overvoltage Protection
●
30
32
34
V
CAP2 Pin Overvoltage Protection
●
30
32
34
V
Schottky 1 Forward Drop
ISCHOTTKY1 = 100mA
0.8
V
Schottky 2 Forward Drop
ISCHOTTKY2 = 100mA
0.8
V
Schottky 1 Reverse Leakage Current
VR1 = 25V
4
µA
Schottky 2 Reverse Leakage Current
VR2 = 25V
4
µA
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VCTRL1 = VCTRL2 = 3V.
Note 2: The LT3497E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com