Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4054 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4054
Description  This application note highlights the key differences
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4054 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4054 Datasheet HTML 3Page - STMicroelectronics AN4054 Datasheet HTML 4Page - STMicroelectronics AN4054 Datasheet HTML 5Page - STMicroelectronics AN4054 Datasheet HTML 6Page - STMicroelectronics AN4054 Datasheet HTML 7Page - STMicroelectronics AN4054 Datasheet HTML 8Page - STMicroelectronics AN4054 Datasheet HTML 9Page - STMicroelectronics AN4054 Datasheet HTML 10Page - STMicroelectronics AN4054 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AN4054
Comparison between low-density and high-density devices
Doc ID 022825 Rev 3
7/13
1.4
Memory mapping of ISO/IEC 15693 products
Table 6 lists the key parameters of the memory mapping of LRix and M24LRx devices.
The ISO/IEC 15693 specification defines the read or write command with a block number
coded on 1 byte.
The high-density products of the ISO/IEC 15693 family require a block number coding on 2
bytes. It is the extended addressing mode.
Table 7 lists the ISO/IEC 15693 products and their addressing mode.
As an example, the next two tables define the write single block command for low- and high-
density devices, and show the difference between the two density families.
Table 8 describes the format of the write single block RF command for low-density products.
The block number parameter is coded on 8 bits or 1 byte.
Table 9 is the write single block RF command for high-density products. The block number
parameter is coded on 16 bits or 2 bytes.
Table 6.
Memory mapping of LRix and M24LRx devices
Device
LRi1K
LRi2K
LRiS2K
LRiS64K
M24LR04E-R M24LR16E-R M24LR64x-R
Memory size
1 Kbit
2 Kbits
2 Kbits
64 Kbits
4 Kbits
16 Kbits
64 Kbits
Block size
32 bits
32 bits
32 bits
32 bits
32 bits
32 bits
32 bits
Number of blocks
0x1F
0x3F
0x3F
0x7FF
0x3F
0x1FF
0x7FF
Table 7.
Addressing mode of LRix and M24LRx devices
Device
LRi1K
LRi2K
LRiS2K
LRiS64K
M24LR04E-R
M24LR16E-R M24LR64x-R
Addressing mode
standard
standard
standard
extended
standard
extended
extended
Table 8.
Write single block request format for low-density products
SOF
Request_
flags
Write single
block
UID (1)
Block
number
Data
CRC16
EOF
8 bits
0x21
64 bits
8 bits
32 bits
16 bits
1.
Gray color means that the field is optional.
Table 9.
Write single block request format for high-density products
SOF
Request_
flags
Write single
block
UID (1)
Block
number
Data
CRC16
EOF
8 bits
0x21
64 bits
16 bits
32 bits
16 bits
1.
Gray color means that the field is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com