Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4054 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4054
Description  This application note highlights the key differences
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4054 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4054 Datasheet HTML 1Page - STMicroelectronics AN4054 Datasheet HTML 2Page - STMicroelectronics AN4054 Datasheet HTML 3Page - STMicroelectronics AN4054 Datasheet HTML 4Page - STMicroelectronics AN4054 Datasheet HTML 5Page - STMicroelectronics AN4054 Datasheet HTML 6Page - STMicroelectronics AN4054 Datasheet HTML 7Page - STMicroelectronics AN4054 Datasheet HTML 8Page - STMicroelectronics AN4054 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Comparison between low-density and high-density devices
AN4054
4/13
Doc ID 022825 Rev 3
1
Comparison between low-density and high-density
devices
This chapter highlights the differences of RF addressing modes between the ISO/IEC 15693
family products.
1.1
Overview
The STMicroelectronics ISO/IEC 15693 family can be split as shown in Table 2. The
M24LRx products can be accessed either by the I2C or the RF interface, and the LRix
products can be addressed only by the RF interface.
The M24LR64-R, M24LR64E-R, M24LR16E-R and LRiS64k devices have an extended
memory and some RF commands shall be updated. Details are given in Chapter 1.4:
Memory mapping of ISO/IEC 15693 products.
1.2
IC reference of ISO/IEC 15693 products
The IC reference (IC ref) is a byte that identifies an STMicroelectronics product. Each
product of the ISO/IEC 15693 family has its own and can be retrieved by issuing the
GetSystemInfo RF command.
Table 3 lists the different IC references of the ISO/IEC 15693 family products.
1.3
How to identify the ISO/IEC 15693 products
There are two ways to identify the STMicroelectronics ISO/IEC 15693 products:
●
Analyze the product code field of the UID.
●
Analyze the IC reference value of the GetSystemInfo response.
Table 2.
Low-density and high-density devices
Access type
Low-density
High-density
RF and I2C access
M24LR04E-R
M24LR64-R
M24LR64E-R
M24LR16E-R
RF access
LRi1K
LRiS64K
LRi2K
LRiS2K
Table 3.
IC references of the ISO/IEC 15693 family products
LRi1K
LRi2K
LRiS2K
LRiS64K M24LR04E-R
M24LR16E-R M24LR64E-R M24LR64-R
IC ref
0b010000xx 0b001000xx 0b001010xx
0x44
0x5A
0x4E
0x5E
0x2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com