Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0585 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0585
Description  STM32F10x DSP library
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0585 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0585 Datasheet HTML 15Page - STMicroelectronics UM0585 Datasheet HTML 16Page - STMicroelectronics UM0585 Datasheet HTML 17Page - STMicroelectronics UM0585 Datasheet HTML 18Page - STMicroelectronics UM0585 Datasheet HTML 19Page - STMicroelectronics UM0585 Datasheet HTML 20Page - STMicroelectronics UM0585 Datasheet HTML 21Page - STMicroelectronics UM0585 Datasheet HTML 22Page - STMicroelectronics UM0585 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
UM0585
STM32F10x DSP library benchmark
Doc ID 14988 Rev 2
19/25
6
STM32F10x DSP library benchmark
This section provides the STM32F10x DSP library benchmark results, which are computed
using the IAR EWARM 5.20 toolchain, with high-speed optimization.
6.1
Function code footprint
6.2
Function execution time
6.2.1
PID controller
Analysis of the PID timing shows that assembly code is not as fast as C code. The compiler
is more efficient in accessing variables than manual optimization (offset computation and
data placement in literal pool).
Table 11.
STM32F10x DSP library functions code footprint
Function name
Code size (bytes)
DoPID
52
DoFullPID
58
PID_stm32
72
cr4_fft_64_stm32
718(1)
1.
FFT code size was computed with FFT coefficients table stored in Flash memory. If the FFT coefficients
are stored in SRAM, the code size of the three FFT functions is equal to 480 bytes.
cr4_fft_256_stm32
1486(1)
cr4_fft_1024_stm32
4560(1)
fir_16by16_stm32
162
iiarma_stm32
156
iir_biquad_stm32
294
Table 12.
PID controller, error computed outside the routine
PID
24 MHz
0 wait state
48 MHz
1 wait state
72 MHz
2 wait states
cycle count
time
cycle count
time
cycle count
time
ASM function
45
1.87 µs
51
1.06 µs
59
0.819 µs
C function
47
1.96 µs
50
1.04 µs
54
0.75 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com