Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0585 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0585
Description  STM32F10x DSP library
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0585 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0585 Datasheet HTML 16Page - STMicroelectronics UM0585 Datasheet HTML 17Page - STMicroelectronics UM0585 Datasheet HTML 18Page - STMicroelectronics UM0585 Datasheet HTML 19Page - STMicroelectronics UM0585 Datasheet HTML 20Page - STMicroelectronics UM0585 Datasheet HTML 21Page - STMicroelectronics UM0585 Datasheet HTML 22Page - STMicroelectronics UM0585 Datasheet HTML 23Page - STMicroelectronics UM0585 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
STM32F10x DSP library benchmark
UM0585
20/25
Doc ID 14988 Rev 2
6.2.2
Fast Fourier transform (FFT)
6.2.3
FIR filter
Table 13.
PID controller, error computed within the routine
PID
24 MHz
0 wait state
48 MHz
1 wait state
72 MHz
2 wait states
cycle count
time
cycle count
time
cycle count
time
C function
48
2 µs
52
1.08 µs
57
0.79 µs
Table 14.
Complex radix 4, 16-bit FFT, coefficients in Flash memory
FFT
(ASM funct.)
24 MHz
0 wait state
48 MHz
1 wait state
72 MHz
2 wait states
cycle count
time
cycle count
time
cycle count
time
64 points
3847
0.16 ms
4 472
0.093 ms
5 661
0.078 ms
256 points
21 039
0.876 ms
24 964
0.52 ms
31 527
0.437 ms
1024 points
100 180
4.174 ms
114 350
2.382 ms
153 930
2.138 ms
Table 15.
Complex radix 4, 16-bit FFT, coefficients in RAM
FFT
(ASM funct.)
24 MHz
0 wait state
48 MHz
1 wait state
72 MHz
2 wait states
cycle count
time
cycle count
time
cycle count
time
64 points
3 847
0.16 ms
4 025
0.084 ms
4 764
0.066 ms
256 points
21 039
0.876 ms
22 176
0.462 ms
26 065
0.362 ms
1024 points
100 180
4.174 ms
102 057
2.126 ms
127 318
1.768 ms
Table 16.
16-bit, 32-tap FIR filter
FIR
(ASM filter)
24 MHz
0 wait state
48 MHz
1 wait state
72 MHz
2 wait states
cycle count
time
cycle count
time
cycle count
time
32 samples
3516
146.5 µs
3525
73.4 µs
3727
51.76 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com