Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5579 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5579
Description  1.5GHz to 3.8GHz High Linearity Upconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5579 Datasheet(HTML) 1 Page - Linear Technology

  LT5579 Datasheet HTML 1Page - Linear Technology LT5579 Datasheet HTML 2Page - Linear Technology LT5579 Datasheet HTML 3Page - Linear Technology LT5579 Datasheet HTML 4Page - Linear Technology LT5579 Datasheet HTML 5Page - Linear Technology LT5579 Datasheet HTML 6Page - Linear Technology LT5579 Datasheet HTML 7Page - Linear Technology LT5579 Datasheet HTML 8Page - Linear Technology LT5579 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT5579

5579fa
Typical applicaTion
FeaTures
applicaTions
DescripTion
1.5GHz to 3.8GHz
High Linearity
Upconverting Mixer
n
GSM/EDGE,W-CDMA,UMTS,LTEandTD-SCDMA
Basestations
n
2.6GHzand3.5GHzWiMAXBasestations
n
2.4GHzISMBandTransmitters
n
HighPerformanceTransmitters
L
,LT,LTC,LTM,LinearTechnologyandtheLinearlogoareregisteredtrademarksofLinear
TechnologyCorporation.Allothertrademarksarethepropertyoftheirrespectiveowners.
*Operationoverwiderfrequencyrangeispossiblewithreducedperformance.
ConsultLinearTechnologyforinformationandassistance.
Frequency Upconversion in 2.14GHz W-CDMA Transmitter
Gain, NF and OIP3 vs
RF Output Frequency
n
High Output IP3: +27.3dBm at 2.14GHz
n
Low Noise Floor: –158dBm/Hz (POUT = –5dBm)
n
High Conversion Gain: 2.6dB at 2.14GHz
n
Wide Frequency Range: 1.5GHz to 3.8GHz*
n
Low LO Leakage
n
Single-Ended RF and LO
n
Low LO Drive Level: –1dBm
n
Single3.3VSupply
n
5mm
×5mmQFN24Package
TheLT®5579mixerisahighperformanceupconverting
mixeroptimizedforfrequenciesinthe1.5GHzto3.8GHz
range.Thesingle-endedLOinputandRFoutputports
simplifyboardlayoutandreducesystemcost.Themixer
needsonly–1dBmofLOpowerandthebalanceddesign
resultsinlowLOsignalleakagetotheRFoutput.At2.6GHz
operation,theLT5579provideshighconversiongainof
1.3dB,highOIP3of+26dBmandalownoisefloorof
–157.5dBm/Hzata–5dBmRFoutputsignallevel.
TheLT5579offersahighperformancealternativetopas-
sivemixers.Unlikepassivemixers,whichhaveconversion
lossandrequirehighLOdrivelevels,theLT5579delivers
conversiongainatsignificantlylowerLOinputlevelsand
islesssensitivetoLOpowerlevelvariations.Thelower
LOdrivelevelrequirements,combinedwiththeexcellent
LOleakageperformance,translateintolowerLOsignal
contaminationoftheoutputsignal.
BIAS
LT5579
RF
GND
LO
VCC
VCC
3.3V
5579 TA01a
1µF
IF+
IF–
40nH
11
11
33pF
82pF
MABAES0061
4:1
82pF
100pF
1nF
0.45pF
RF
OUTPUT
2140MHz
LO INPUT
–1dBm (TYP)
IF
INPUT
240MHz
3.9nH
40nH
RF FREQUENCY (MHz)
1900
0
5
10
15
20
25
OIP3
SSB NF
GAIN
30
2000
2100
2200
2300
5579 TA01b
2400
TA = 25°C
VCC = 3.3V
fIF = 240MHz
fLO = fRF + fIF


Similar Part No. - LT5579

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579 Datasheet
355Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LT5579 LINER-LT5579 Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LT5579 AD-LT5579 Datasheet
1Mb / 18P
40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
Rev. D
logo
Linear Technology
LT5579IUH-PBF LINER-LT5579IUH-PBF Datasheet
247Kb / 20P
1.5GHz to 3.8GHz High Linearity Upconverting Mixer
More results

Similar Description - LT5579

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519_15 Datasheet
227Kb / 12P
0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
3GHz to 8GHz High Linearity Active Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com