Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5579 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5579
Description  1.5GHz to 3.8GHz High Linearity Upconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5579 Datasheet(HTML) 4 Page - Linear Technology

  LT5579 Datasheet HTML 1Page - Linear Technology LT5579 Datasheet HTML 2Page - Linear Technology LT5579 Datasheet HTML 3Page - Linear Technology LT5579 Datasheet HTML 4Page - Linear Technology LT5579 Datasheet HTML 5Page - Linear Technology LT5579 Datasheet HTML 6Page - Linear Technology LT5579 Datasheet HTML 7Page - Linear Technology LT5579 Datasheet HTML 8Page - Linear Technology LT5579 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT5579

5579fa
Typical Dc perForMance characTerisTics
Supply Current vs Supply Voltage
Gain Distribution at 3600MHz
OIP3 Distribution at 3600MHz
SSB Noise Figure Distribution at
3600MHz
(Test Circuit Shown in Figure 1)
3300MHz to 3800MHz Application:
Typical ac perForMance characTerisTics
VCC = 3.3V, TA = 25°C, fIF = 456MHz, PIF = –5dBm (–5dBm/tone for 2-tone tests, ∆f = 1MHz), low side LO, PLO = –1dBm,
output measured at 3600MHz, unless otherwise noted. (Test circuit shown in Figure 1)
SUPPLY VOLTAGE (V)
3.0
195
205
215
225
235
255
3.1
3.2
3.3
3.4
5579 G01
3.5
3.6
245
85°C
25°C
–40°C
GAIN (dB)
–2.5
15
20
25
–1.0
0
1.5
5579 G02
10
5
0
–2.0 –1.5
–0.5
0.5 1.0
TA = 90°C
TA = 25°C
TA = –45°C
OIP3 (dBm)
19
14
22
5579 G03
8
4
20
21
23
2
0
16
12
10
6
24
25
26
TA = 90°C
TA = 25°C
TA = –45°C
NOISE FIGURE (dB)
10
0
5
10
15
20
25
30
11
12
13
14
5579 G04
TA = 90°C
TA = 25°C
TA = –45°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com