Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4101 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4101
Description  LIN communication with STM8A-DISCOVERY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4101 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4101 Datasheet HTML 3Page - STMicroelectronics AN4101 Datasheet HTML 4Page - STMicroelectronics AN4101 Datasheet HTML 5Page - STMicroelectronics AN4101 Datasheet HTML 6Page - STMicroelectronics AN4101 Datasheet HTML 7Page - STMicroelectronics AN4101 Datasheet HTML 8Page - STMicroelectronics AN4101 Datasheet HTML 9Page - STMicroelectronics AN4101 Datasheet HTML 10Page - STMicroelectronics AN4101 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN4101
Introduction to the LIN bus
Doc ID 23127 Rev 1
7/21
2.4
LIN physical layer
The LIN bus is single-wire, and is connected via a pull-up resistor to the battery voltage
VBAT. The LIN transceiver is an enhancement of the ISO 9141 standard.
There are two possible bus states:
dominant
recessive
The LIN bus does not need to resolve bus collisions, since only one message is allowed on
the bus at a time. This guarantees a deterministic system with known latency times.
The default state is recessive. A dominant state occurs when the transmitter pulls down the
bus line. All LIN transmitters operate as and gates, which means that they must all be in a
recessive state for the bus to be in a recessive state.
In Figure 3, Rx and Tx signals refer to the microcontroller USART or LINUART signals, while
VBUS refers to the LIN bus.
Figure 3.
LIN bus circuit diagram
MSv31515V1
Rx
Tx
Master ECU
V BUS
V SUP
V Shift_BAT
1kΩ
30 kΩ
Transceiver IC
D ser_int
V GND_ECU
V BATTERY
V BATTERY
V GND_BATTERY
V BAT
V Shift_GND
V BAT
V SUP : Internal supply for electronics
D ser_master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com