Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4101 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4101
Description  LIN communication with STM8A-DISCOVERY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4101 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4101 Datasheet HTML 4Page - STMicroelectronics AN4101 Datasheet HTML 5Page - STMicroelectronics AN4101 Datasheet HTML 6Page - STMicroelectronics AN4101 Datasheet HTML 7Page - STMicroelectronics AN4101 Datasheet HTML 8Page - STMicroelectronics AN4101 Datasheet HTML 9Page - STMicroelectronics AN4101 Datasheet HTML 10Page - STMicroelectronics AN4101 Datasheet HTML 11Page - STMicroelectronics AN4101 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LIN transceiver
AN4101
8/21
Doc ID 23127 Rev 1
3
LIN transceiver
A LIN transceiver is embedded in the L99PM62 power management integrated circuit, which
is present on both STM8AF and STM8AL boards. For more information, refer to the
UM1574 STM8A-DISCOVERY user manual, and to the L99PM62GXP datasheet.
Figure 4.
LIN transceiver embedded in the L99PM62GXP
MSv31516V1
Temp Prewarning
& Shutdown
Undervoltage –
Overvoltage -
Shutdown
VREG 1
5V / 250mA
VREG 2
5V / 100mA
4-channel
PWM Generator
Timer 1
Timer 2
Window
Watchdog
SPI
LIN 2.1
SAEJ 2602
(1)
HS CAN
ISO 11898-2/-5
Wake Up In
Wake Up In
Wake Up In
High Side
400mA
High Side
120mA
High Side
120mA
High Side
120mA
High Side
120mA
LOGIC
Low Side
100mA
Output Clamp
Low Side
100mA
Output Clamp
REL 1
REL 2
OP1+
OP1-
OP1_out
OP2+
OP2-
OP2_out
OUT_HS
OUT1
OUT2
OUT3 / FSO
OUT4
WU1
WU2
WU3
CAN Supply
CAN_H
SPLIT
CAN_L
TxD_C
RxD_C
PGND
AGND
TxD_L
RxD_L / NINT
LINPU
LIN
DO
DI
CLK
CSN
NReset
V2
V1
VS
1) LIN 2.1 certified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com