Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4102
Description  Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4102 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4102 Datasheet HTML 1Page - STMicroelectronics AN4102 Datasheet HTML 2Page - STMicroelectronics AN4102 Datasheet HTML 3Page - STMicroelectronics AN4102 Datasheet HTML 4Page - STMicroelectronics AN4102 Datasheet HTML 5Page - STMicroelectronics AN4102 Datasheet HTML 6Page - STMicroelectronics AN4102 Datasheet HTML 7Page - STMicroelectronics AN4102 Datasheet HTML 8Page - STMicroelectronics AN4102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
December 2012
Doc ID 023129 Rev 1
1/16
AN4102
Application note
Introducing the low-power concept in automotive applications using
the STM8AL board of the STM8A-DISCOVERY
Introduction
This application note illustrates the power consumption benefits of the STM8AL devices
included with the STM8A-DISCOVERY. This new family of devices has been designed to
comply with AEC-Q100 rev G. automotive requirements and offer high performance with
ultra-low power management capabilities.
The STM8AL board of the STM8A-DISCOVERY has a built-in IDD measurement feature that
is used to demonstrate the efficiency of the low power modes of the STM8AL devices.
This application does not require any additional hardware or software. Once the STM8AL
board is powered-up through a USB cable connected to the host PC with the USER1 button
pressed, the user can access the low power software resources of the standard
demonstration package.
This low-power software example comes preloaded with your STM8A-DISCOVERY, but is
accessible when the USER1 or USER2 buttons are pressed during the board’s power
supply sequence.
Reference documents
●
STM8A-DISCOVERY user manual (UM1574).
●
Application note Power management in STM8L and STM8AL (AN3147).
The above documents are available from http://www.st.com.
Table 1.
Applicalble products
Type
Part numbers
Microcontrollers
STM8ALxxx
Evaluation tools
STM8A-DISCOVERY
www.st.com


Similar Part No. - AN4102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4101 STMICROELECTRONICS-AN4101 Datasheet
188Kb / 21P
LIN communication with STM8A-DISCOVERY
03-Dec-2012
AN4103 STMICROELECTRONICS-AN4103 Datasheet
2Mb / 20P
Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
14-May-2013
AN4104 STMICROELECTRONICS-AN4104 Datasheet
96Kb / 13P
Using the STM32F0xx DMA controller
02-May-2012
logo
Fairchild Semiconductor
AN4105 FAIRCHILD-AN4105 Datasheet
368Kb / 22P
Design Considerations for Switched Mode Power Supplies Using A Fairchild Power Switch (FPS) in a Flyback Converter
logo
STMicroelectronics
AN4106 STMICROELECTRONICS-AN4106 Datasheet
3Mb / 39P
This document describes a 12 V-1 A power supply
16-Oct-2012
More results

Similar Description - AN4102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5025 FAIRCHILD-AN-5025 Datasheet
377Kb / 3P
Applications Using the GTLP10B320
logo
ON Semiconductor
AND8349-D ONSEMI-AND8349-D Datasheet
237Kb / 6P
Automotive Applications The Use of Discrete
May, 2009 ??Rev. 1
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
Introducing the Newest Member of the Zenigata Family
logo
STMicroelectronics
AN3023 STMICROELECTRONICS-AN3023 Datasheet
289Kb / 23P
Using the analog-to-digital converter of the STM8A microcontroller
16-Oct-2009
AN3260 STMICROELECTRONICS-AN3260 Datasheet
324Kb / 24P
Building a thermometer using the STM8S-DISCOVERY
17-Dec-2010
AN3397 STMICROELECTRONICS-AN3397 Datasheet
434Kb / 24P
Temperature sensor example using the STM8L-DISCOVERY board
12-Oct-2012
UM1547 STMICROELECTRONICS-UM1547 Datasheet
523Kb / 51P
Using the firmware of the AT command set
24-Mar-2015
logo
NXP Semiconductors
AN1982 PHILIPS-AN1982_15 Datasheet
592Kb / 10P
Applying the oscillator of the SA602A in low-power mixer applications
Rev. 2-29 August 2014
logo
Cymbet Corporation
AN-1025 CYMBET-AN-1025 Datasheet
695Kb / 8P
Using the EnerChip??in Pulse Current Applications
logo
ams AG
KBDELPS2.D2 AMSCO-KBDELPS2.D2 Datasheet
1Mb / 25P
The TOPLED E1608 expands ams-OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
Version 1.1 2022-11-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com