Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4102 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4102
Description  Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4102 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4102 Datasheet HTML 7Page - STMicroelectronics AN4102 Datasheet HTML 8Page - STMicroelectronics AN4102 Datasheet HTML 9Page - STMicroelectronics AN4102 Datasheet HTML 10Page - STMicroelectronics AN4102 Datasheet HTML 11Page - STMicroelectronics AN4102 Datasheet HTML 12Page - STMicroelectronics AN4102 Datasheet HTML 13Page - STMicroelectronics AN4102 Datasheet HTML 14Page - STMicroelectronics AN4102 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AN4102
Software description
Doc ID 023129 Rev 1
11/16
2.1.5
Clock
The high-speed internal (HSI) 16 MHz oscillator is selected as clock source for the low-
power demonstration software. The application manages the peripheral clocks depending
on the selected power-saving mode. When the device enters low-power run mode, the HSI
is switched OFF and the LSI acts as the main clock source until the device is woken-up by
an external event. See Section 1.6: Low-power modes for clock management information
during low-power sequences.
2.2
STM8Lx standard firmware library configuration
There are no particular settings for the stm8l15x_conf.h configuration file. All peripheral
functions are enabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com