Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4117 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4117
Description  Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4117 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4117 Datasheet HTML 10Page - STMicroelectronics AN4117 Datasheet HTML 11Page - STMicroelectronics AN4117 Datasheet HTML 12Page - STMicroelectronics AN4117 Datasheet HTML 13Page - STMicroelectronics AN4117 Datasheet HTML 14Page - STMicroelectronics AN4117 Datasheet HTML 15Page - STMicroelectronics AN4117 Datasheet HTML 16Page - STMicroelectronics AN4117 Datasheet HTML 17Page - STMicroelectronics AN4117 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Receiver parameters
AN4117
14/22
Doc ID 023222 Rev 1
3
Receiver parameters
All the measurements here reported are performed with the following parameters: Tc = 25
°C, Vdd = 3.0 V, f = 434.300 MHz.
The product family of short range radio devices is divided into three receiver categories,
each having a set of relevant receiver requirements and minimum performance criteria. The
set of receiver requirements depends on the choice of receiver category by the equipment
provider. The SPIRIT1 is a transceiver that meets receiver category 2. According to EN 300
220-1 (v2.3.1, 2012-02) [2], a category 2 receiver is described as “Medium reliable SRD
communication media, e.g. causing inconvenience to persons, which cannot simply be
overcome by other means”.
The main parameters that must be measured for category 2 devices are the sensitivity, the
blocking, and the receiver spurious radiation. The adjacent channel selectivity is referred to
receiver category 1, so it is not necessary for SPIRIT1 to meet this parameter.
3.1
Receiver sensitivity
The receiver sensitivity is the minimum level of the signal at the receiver input produced by a
carrier at the nominal frequency of the receiver, modulated with the normal test signal
modulation, which produces the performance of a bit error rate (BER) of 10-2 without
correction.
Under normal test conditions, the value of the typical usable sensitivity for 25 kHz channel
spacing equipment with a 16 kHz bandwidth should not exceed -107 dBm. If the RX
bandwidth is not 16 kHz, the sensitivity limit is modified according to the following formula:
Equation 1
The measurement is performed using an RF signal source generator centered at the same
receiver frequency with the wanted modulation signal. The demodulated data and clock are
taken from the SPIRIT1 receiver and sent to the same generator to perform the BER
measurement. The generator signal level is reduced and a BER of 1% is obtained.
To reduce the power consumption, an internal SMPS is integrated into the SPIRIT1.
Figure 15 demonstrates the ETSI 1% BER sensitivity limit (red line) and the SPIRIT1
sensitivity for different data rates with SMPS. This application note outlines the expected
performance when using the SPIRIT1 under EN 300 220-1 (v2.3.1, 2012-02) [2] at 434.3
MHz, without defining the maximum channel spacing. To show the real performance of the
SPIRIT1 transceiver, different channel spacings are shown. The test conditions are:
●
2-FSK modulation, 1.2 kHz data rate, 1 kHz frequency deviation, 12.5 kHz channel
spacing
●
GFSK modulation with BT = 0.5, 2.4 kHz data rate, 2.4 kHz frequency deviation,
12.5 kHz channel spacing
●
GFSK modulation with BT = 0.5, 4.8 kHz data rate, 2.4 kHz frequency deviation,
25 kHz channel spacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com