Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4117 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4117
Description  Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4117 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4117 Datasheet HTML 14Page - STMicroelectronics AN4117 Datasheet HTML 15Page - STMicroelectronics AN4117 Datasheet HTML 16Page - STMicroelectronics AN4117 Datasheet HTML 17Page - STMicroelectronics AN4117 Datasheet HTML 18Page - STMicroelectronics AN4117 Datasheet HTML 19Page - STMicroelectronics AN4117 Datasheet HTML 20Page - STMicroelectronics AN4117 Datasheet HTML 21Page - STMicroelectronics AN4117 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Receiver parameters
AN4117
18/22
Doc ID 023222 Rev 1
setting the instrument in max. hold with a resolution bandwidth of 1 MHz, as requested in
ETSI [2]. In the two images the mask request from the ETSI is also reported.
The receiver spurious radiation of SPIRIT1 complies with ETSI [2] subclause 8.6.
Figure 20.
RX spurious radiation below 1 GHz
Figure 21.
RX spurious radiation above 1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com