Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4126 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4126
Description  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4126 Datasheet HTML 2Page - STMicroelectronics AN4126 Datasheet HTML 3Page - STMicroelectronics AN4126 Datasheet HTML 4Page - STMicroelectronics AN4126 Datasheet HTML 5Page - STMicroelectronics AN4126 Datasheet HTML 6Page - STMicroelectronics AN4126 Datasheet HTML 7Page - STMicroelectronics AN4126 Datasheet HTML 8Page - STMicroelectronics AN4126 Datasheet HTML 9Page - STMicroelectronics AN4126 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
An overview of FCC regulations
AN4126
6/28
Doc ID 023299 Rev 1
defined in FCC part 15.205, must comply with the radiated emission limits specified in FCC
part 15.209. For any 100 kHz bandwidths outside the frequency band of operation and
outside the restricted bands, the power must be at least 20 dB below that of the 100 kHz
bandwidth within the band that contains the highest level of the desired power.
Devices operating under part 15.249 are restricted to field strength emissions of the
fundamental of 50 mV/m and harmonic emissions of 500 µV/m measured at a distance of
3 m. This means approximately -1 dBm and -41 dBm respectively, when measured
conducted into a 50
Ωload. Radiated emission other than harmonics must be attenuated by
at least 50 dB below the level of the fundamental or to the general radiated emission limits in
the 15.209 section, whichever has the lesser attenuation.
Part 15.205 shows the bands where only spurious emissions are permitted. The field
strength of emissions appearing within these frequency bands must not exceed the limits
shown in part 15.209. The following tables show the restricted bands, as defined in part
15.205, and the radiated and conducted emission limits are defined in part 15.209.
Table 1.
Restricted bands defined in part 15.205
MHz
MHz
MHz
GHz
0.090 – 0.110
16.42 – 16.423
399.9 – 410
4.5 – 5.15
0.495 – 0.505
16.69475 – 16.69525
608 – 614
5.35 – 5.46
2.1735 – 2.1905
16.80425 – 16.80475
960 – 1240
7.25 – 7.75
4.125 – 4.128
25.5 – 25.67
1300 – 1427
8.025 – 8.5
4.17725 – 4.17775
37.5 – 38.25
1435 – 1626.5
9.0 – 9.2
4.20725 – 4.20775
73 – 74.6
1645.5 – 1646.5
9.3 – 9.5
6.215 – 6.218
74.8 – 75.2
1660 – 1710
10.6 – 12.7
6.26775 – 6.26825
108 – 121.94
1718.8 – 1722.2
13.25 – 13.4
6.31175 – 6.31225
123 – 138
2200 – 2300
14.47 – 14.5
8.291 – 8.294
149.9 – 150.05
2310 – 2390
15.35 – 16.2
8.362 – 8.366
156.52475 – 156.52525
2483.5 – 2500
17.7 – 21.4
8.37625 – 8.38675
156.7 – 156.9
2690 – 2900
22.01 – 23.12
8.41425 – 8.41475
162.0125 – 167.17
3260 – 3267
23.6 – 24.0
12.29 – 12.293
167.72 – 173.2
3332 – 3339
31.2 – 31.8
12.51975 – 12.52025
240 – 285
3345.8 – 3358
36.43 – 36.5
12.57675 – 12.57725
322 – 335.4
3600 – 4400
Above 38.6
13.36 – 13.41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com