Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4126 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4126
Description  The SPIRIT1 is a very low power RF transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4126 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4126 Datasheet HTML 1Page - STMicroelectronics AN4126 Datasheet HTML 2Page - STMicroelectronics AN4126 Datasheet HTML 3Page - STMicroelectronics AN4126 Datasheet HTML 4Page - STMicroelectronics AN4126 Datasheet HTML 5Page - STMicroelectronics AN4126 Datasheet HTML 6Page - STMicroelectronics AN4126 Datasheet HTML 7Page - STMicroelectronics AN4126 Datasheet HTML 8Page - STMicroelectronics AN4126 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
August 2012
Doc ID 023299 Rev 1
1/28
AN4126
Application note
Using the SPIRIT1 transceiver under FCC title 47 part 15 in the
902 - 928 MHz band
By Placido De Vita
Introduction
The SPIRIT1 is a very low power RF transceiver, intended for RF wireless applications in the
sub-1 GHz band. It is designed to operate in both the license-free ISM and SRD frequency
bands at 169, 315, 433, 868 and 915 MHz.
This application note outlines the expected performance when using the SPIRIT1 under
FCC title 47 part 15 [
2] in the 902 to 928 MHz band. There are no specific requirements in
this band, no specific use and no channel spacing are defined. For details on the regulatory
limits in the 902 - 928 MHz frequency band, please, refer to the FCC title 47 part 15
regulations [
2].
These can be downloaded from www.scc-ares-races.org/FCCpartstitles.html.
www.st.com


Similar Part No. - AN4126

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN41204A PANASONIC-AN41204A Datasheet
96Kb / 8P
Optical Disc Motor Drive IC(Achieving a 1-chip motor drive)
logo
Fairchild Semiconductor
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
Design of Power Factor Correction Circuit
logo
STMicroelectronics
AN4121 STMICROELECTRONICS-AN4121 Datasheet
1Mb / 26P
Poly-phase demonstration kit with the STPMC1 and STPMS2
06-Nov-2012
AN4123 STMICROELECTRONICS-AN4123 Datasheet
995Kb / 17P
The STEVAL-ISV015V1 is a demonstration board mounting
21-Mar-2013
AN4124 STMICROELECTRONICS-AN4124 Datasheet
569Kb / 32P
Using SPC56EL60x fault collection and control unit
17-Sep-2013
More results

Similar Description - AN4126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1000 TI-CC1000 Datasheet
593Kb / 55P
Single Chip Very Low Power RF Transceiver
logo
STMicroelectronics
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender
24-Oct-2013
AN4133 STMICROELECTRONICS-AN4133 Datasheet
1Mb / 35P
Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
12-Jul-2012
AN4148 STMICROELECTRONICS-AN4148 Datasheet
1Mb / 13P
Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
06-Aug-2012
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
PCB design guidelines for the SPIRIT1 transceiver
18-Oct-2012
AN4193 STMICROELECTRONICS-AN4193 Datasheet
316Kb / 10P
Low duty cycle operation with the SPIRIT1 transceiver
07-Jan-2013
AN4198 STMICROELECTRONICS-AN4198 Datasheet
393Kb / 12P
The SPIRIT1 is a very low-power RF transceiver
22-Nov-2012
AN4387 STMICROELECTRONICS-AN4387 Datasheet
2Mb / 22P
BlueNRG is a very low power Bluetooth low energy
14-Nov-2013
AN4392 STMICROELECTRONICS-AN4392 Datasheet
1Mb / 17P
The BlueNRG is a very low power Bluetooth low energy
24-Jan-2014
logo
Maxim Integrated Produc...
MAXREFDES117 MAXIM-MAXREFDES117 Datasheet
451Kb / 10P
The MAXREFDES117# reference design is a low power
8/17/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com