Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4128 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4128
Description  This document describes the STEVAL-SPBT4ATV3 demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4128 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4128 Datasheet HTML 2Page - STMicroelectronics AN4128 Datasheet HTML 3Page - STMicroelectronics AN4128 Datasheet HTML 4Page - STMicroelectronics AN4128 Datasheet HTML 5Page - STMicroelectronics AN4128 Datasheet HTML 6Page - STMicroelectronics AN4128 Datasheet HTML 7Page - STMicroelectronics AN4128 Datasheet HTML 8Page - STMicroelectronics AN4128 Datasheet HTML 9Page - STMicroelectronics AN4128 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
I/O connections
AN4128
6/28
Doc ID 023306 Rev 1
Table 2.
Pad connections
Description
PAD
1
GPIO05 - general purpose I/O (1)
1.
Default configuration - a different configuration may be chosen (see the SPBT2632C1A.AT2 datasheet).
2
GPIO04 - general purpose I/O (1) (LED2 is connected to GPIO4)
3
GPIO06 - general purpose I/O (1)
4
GPIO15 - general purpose I/O (1)
5
GPIO02 - general purpose I/O (1)
6
+3.3 V (module) (LED1 is connected to module power)
7
GPIO03 - general purpose I/O (1)
8
GPIO01 - general purpose I/O (1) (LED3 is connected to GPIO1)
9
GPIO00 - general purpose I/O (1)
10
GPIO13 - general purpose I/O
11
GPIO14 - general purpose I/O
12
GPIO07 - general purpose I/O (1)
13
GND
14
+5 V (USB)
15
BOOT0 (Boot pin used for firmware downloading - used for testing purposes)
16
RESET - connected in parallel to onboard reset switch
17
GPIO08 - general purpose I/O (1)
18
GPIO10 - general purpose I/O
19
GPIO09 - general purpose I/O (1)
20
GPIO11 - general purpose I/O (1)
21
GPIO12 - general purpose I/O (1)
JTAG
1JTRST
2JTDO
3JTCK
4JTMS
5JTDI
6
nreset (max. voltage 2.5 V)
7+ 3.3 V
8GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com