Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4128 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4128
Description  This document describes the STEVAL-SPBT4ATV3 demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4128 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4128 Datasheet HTML 8Page - STMicroelectronics AN4128 Datasheet HTML 9Page - STMicroelectronics AN4128 Datasheet HTML 10Page - STMicroelectronics AN4128 Datasheet HTML 11Page - STMicroelectronics AN4128 Datasheet HTML 12Page - STMicroelectronics AN4128 Datasheet HTML 13Page - STMicroelectronics AN4128 Datasheet HTML 14Page - STMicroelectronics AN4128 Datasheet HTML 15Page - STMicroelectronics AN4128 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Getting started
AN4128
12/28
Doc ID 023306 Rev 1
Figure 14.
Basic setup
(Please refer to the UM1547 user manual for listing and meaning of the AT commands.)
6.2.1
Startup
Two dongles are needed to perform the connection.
Each dongle has its own BD address. Suppose 0080e1f00001 for dongle1 and
0080e1f00002 for dongle2.
Each dongle has the following factory default:
–
UART: 115200 baud rate, no parity, 1 stop bit, 8 data bits
–
Local name: “Amp'ed UP!’
–
Class of device: misc. device
–
Profile: SPP (serial port profile)
–
Service name: “AMP-SPP”
–
Deep sleep: disabled
–
Page and inquiry scan: 1.28s interval, 11 ms duration
–
Security: disabled
–
Bonding PIN: “1234”
–
Bonding allowed: always enabled
●
Plug each dongle into a PC using the USB connector
●
Open the HyperTerminal program on both PCs and create a new connection “AT
Command”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com