Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4195 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4195
Description  STM32F30x ADC modes and application
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4195 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4195 Datasheet HTML 3Page - STMicroelectronics AN4195 Datasheet HTML 4Page - STMicroelectronics AN4195 Datasheet HTML 5Page - STMicroelectronics AN4195 Datasheet HTML 6Page - STMicroelectronics AN4195 Datasheet HTML 7Page - STMicroelectronics AN4195 Datasheet HTML 8Page - STMicroelectronics AN4195 Datasheet HTML 9Page - STMicroelectronics AN4195 Datasheet HTML 10Page - STMicroelectronics AN4195 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID023897 Rev 1
7/24
Independent modes
2
Independent modes
The STM32F30x ADC is a 12-bit ADC successive approximation analog-to-digital converter.
This ADC has up to 19 multiplexed channels, allowing measurement of up to 16 external
sources and up to 3 internal sources. The various channels can be converted in single,
multichannel, continuous or discontinuous mode. The result of conversion is stored in a left-
or right-aligned 16-bit data register.
2.1
Regular conversion
Regular conversion can be performed for single-ended or differential inputs, in single or
continuous mode, for single channel or multichannel with programmable sampling time for
each channel.
The following sections present typical configuration procedures for each feature or mode.
2.1.1
Single or multi-channel configuration
In independent mode, the ADC channels can be used in a single or multi-channel manner.
With the ADC sequencer, you can configure any sequence of up to 16 channels
successively, with different sampling times and in different orders.
Regular channels and their order in the conversion sequence must be selected in the
ADC_SQRx registers. The total number of conversions in the regular group must be written
in the L[3:0] bits in the ADC_SQR1 register.
2.1.2
Single or continuous conversion mode
In single conversion mode, the ADC performs all channel conversions once. You can start
this mode with the CONT bit at 0 either by setting the ADSTART bit in the ADC_CR register
(for a regular channel), or through an external hardware trigger event.
In continuous conversion mode, when a software or hardware regular trigger event occurs,
the ADC performs all the regular conversions of the channels once, and then automatically
re-starts and continuously converts each conversion in the sequence. You can start this
mode with the CONT bit at 1 either through an external trigger, or by setting the ADSTART
bit in the ADC_CR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com