Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4195 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4195
Description  STM32F30x ADC modes and application
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4195 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4195 Datasheet HTML 1Page - STMicroelectronics AN4195 Datasheet HTML 2Page - STMicroelectronics AN4195 Datasheet HTML 3Page - STMicroelectronics AN4195 Datasheet HTML 4Page - STMicroelectronics AN4195 Datasheet HTML 5Page - STMicroelectronics AN4195 Datasheet HTML 6Page - STMicroelectronics AN4195 Datasheet HTML 7Page - STMicroelectronics AN4195 Datasheet HTML 8Page - STMicroelectronics AN4195 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Comparison between ADC F1 family and F3 family
4/24
DocID023897 Rev 1
1
Comparison between ADC F1 family and F3 family
1.1
STM32 ADC F3 family main features
The ADC F3 family presents several new features as:
•
The queue of context for the injected conversion to allow fast context switching.
•
Three Analog watchdogs per ADC allow very precise monitoring of the converted
voltage of one, some or all selected channels.
•
A programmable Single-ended or differential inputs.
•
The delayed-conversion mode is used to ensure that no ADC data loss will occur
whatever are the application requirements.
•
The self calibration for single-ended and differential input.
1.1.1
Using the ADC in regular conversion
Calibration phase
Calibration is preliminary to all ADC operations. It removes the offset error, which may vary
from one chip to another.
1.
Ensure that ADVREGEN[1:0]=01, and that the ADC voltage regulator startup time has
elapsed.
2.
Ensure that ADEN=0.
3.
Select the input mode for this calibration by setting ADCALDIF=0 (single-ended input)
or ADCALDIF=1 (differential input).
4.
Set ADCAL=1.
5.
Wait until ADCAL=0.
6.
Read the calibration factor from the ADC_CALFACT register.
If the ADC is supposed to convert both single-ended and differential inputs, two calibrations
must be performed, one with ADCALDIF=0 and one with ADCALDIF=1.
1.1.2
ADC channel input mode
ADC channel inputs can be configured in single-ended or differential mode.
Single-ended mode
To configure the ADC channels to single-ended mode, first disable the ADC (ADCAL=0,
JADSTART=0, JADSTP=0, ADSTART=0, ADSTP=0, ADDIS=0 and ADEN=0). Select
single-ended input mode by programming DIFSEL[15:1] in the ADC_DIFSEL register.
Note:
If ADC analog input Channel-i is configured in single-ended, the DIFSEL[i] should be kept
cleared.
The analog voltage to be converted for channel “i” is the difference between the external
voltage ADC_INi (positive input) and VREF- (negative input).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com