Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4228 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 30Page - STMicroelectronics AN4228 Datasheet HTML 31Page - STMicroelectronics AN4228 Datasheet HTML 32Page - STMicroelectronics AN4228 Datasheet HTML 33Page - STMicroelectronics AN4228 Datasheet HTML 34Page - STMicroelectronics AN4228 Datasheet HTML 35Page - STMicroelectronics AN4228 Datasheet HTML 36Page - STMicroelectronics AN4228 Datasheet HTML 37Page - STMicroelectronics AN4228 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
Peripheral migration
AN4228
34/90
DocID024110 Rev 5
3.15
USART interface
The STM32F3 series embeds a new USART peripheral versus the STM32F1 series. The
architecture, features and programming interface are modified to introduce new capabilities.
As a consequence, the STM32F3 series USART programming procedures and registers are
modified from those of the STM32F1 series, so any code written for the STM32F1 series
using the USART needs to be updated to run on STM32F3 series.
The STM32F3 series USART provides best-in-class added features:
A choice of independent clock sources allowing
–
UART functionality and wake-up from low power modes,
–
convenient baud-rate programming independently of the APB clock
reprogramming.
SmartCard emulation capability: T=0 with auto retry and T=1
Swappable Tx/Rx pin configuration
Binary data inversion
Tx/Rx pin active level inversion
Transmit/receive enable acknowledge flags
New Interrupt sources with flags:
–
Address/character match
–
Block length detection and timeout detection
Timeout feature
Modbus communication
Overrun flag disable
DMA disable on reception error
Wake-up from STOP mode
Auto baud rate detection capability
Driver Enable signal (DE) for RS485 mode
For more information about STM32F3 USART features, please refer to USART chapter in
the corresponding Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com