Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4312 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4312
Description  Guidelines for designing touch sensing applications with surface sensors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4312 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4312 Datasheet HTML 2Page - STMicroelectronics AN4312 Datasheet HTML 3Page - STMicroelectronics AN4312 Datasheet HTML 4Page - STMicroelectronics AN4312 Datasheet HTML 5Page - STMicroelectronics AN4312 Datasheet HTML 6Page - STMicroelectronics AN4312 Datasheet HTML 7Page - STMicroelectronics AN4312 Datasheet HTML 8Page - STMicroelectronics AN4312 Datasheet HTML 9Page - STMicroelectronics AN4312 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Capacitive sensing technology in ST
AN4312
6/36
DocID024815 Rev 1
1
Capacitive sensing technology in ST
STMicroelectronics offers different capacitive sensing technologies for STM8 and STM32
families of products. The technology covered by this application note is based on the charge
transfer acquisition principle and is supported by all the microcontroller lines listed in
Table 1.
1.1
Charge transfer acquisition principle
The surface charge transfer acquisition is a proven, robust and efficient way to measure a
capacitance. It uses a minimum number of external components to operate with a single
ended electrode type. This acquisition is designed around an analog I/O group which is
composed of four GPIOs. Several analog I/O groups are available to allow the acquisition of
several capacitive sensing channels simultaneously and to support a larger number of
capacitive sensing channels. Within a same analog I/O group, the acquisition of the
capacitive sensing channels is sequential.
One of the GPIOs is dedicated to the sampling capacitor (CS). Only one sampling capacitor
I/O per analog I/O group must be enabled at a time.
The remaining GPIOs are dedicated to the electrodes and are commonly called channels.
For some specific needs (such as proximity detection), it is possible to simultaneously
enable more than one channel per analog I/O group.
The surface charge transfer acquisition principle consists of charging an electrode
capacitance (CX) and transferring a part of the accumulated charge into a sampling
capacitor (CS). This sequence is repeated until the voltage across CS reaches a given
threshold (VIH in our case). The number of charge transfers required to reach the threshold
is a direct representation of the size of the electrode capacitance. When the electrode is
“touched”, the charge stored on the electrode is higher and the number of cycles needed to
charge the sampling capacitor decreases.
1.2
Surface capacitance
A capacitance is modified when a finger gets close to a sensing electrode.
The return path goes either through:
•
a capacitor through the user’s feet
•
a capacitor between the user’s hand and the device
•
a capacitor between the user’s body and the application board through the air (like an
antenna)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com