Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4312 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4312
Description  Guidelines for designing touch sensing applications with surface sensors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4312 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4312 Datasheet HTML 21Page - STMicroelectronics AN4312 Datasheet HTML 22Page - STMicroelectronics AN4312 Datasheet HTML 23Page - STMicroelectronics AN4312 Datasheet HTML 24Page - STMicroelectronics AN4312 Datasheet HTML 25Page - STMicroelectronics AN4312 Datasheet HTML 26Page - STMicroelectronics AN4312 Datasheet HTML 27Page - STMicroelectronics AN4312 Datasheet HTML 28Page - STMicroelectronics AN4312 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
DocID024815 Rev 1
25/36
AN4312
Surface sensor design
35
3.4.3
Rotary sensor with central touchkey
It is possible to locate a touchkey in the centre of a rotary sensor. This touchkey has a lower
sensitivity compared to other single touchkeys. To reduce the loss of sensitivity induced by
the center touchkey on the rotary sensor, it is recommended to place the center touchkey
and rotary sensor electrodes on the same acquisition bank. The pattern of the central
touchkey must be as symmetrical as possible so that the loading effect on the rotary sensor
is also symmetrical.
3.5
Specific recommendations
3.5.1
LEDs and sensors
In some cases, a hole needs to be inserted in the sensor electrode to create a back-lighting
touchkey (see Figure 20, Figure 21 and Figure 22). This is a very common solution which
does not involve a sensitivity dip in the middle of the sensor electrode as the electric field
tends to close over above the hole. As the sensor area decreases, there is a corresponding
decrease in sensitivity.
Figure 20. Back-lighting touchkey
Figure 21. PCB 3D top view
MS18976V1
Field lines cover the hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com