Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0941 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TN0941
Description  When to and why use reset and supervisor ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0941 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TN0941 Datasheet HTML 3Page - STMicroelectronics TN0941 Datasheet HTML 4Page - STMicroelectronics TN0941 Datasheet HTML 5Page - STMicroelectronics TN0941 Datasheet HTML 6Page - STMicroelectronics TN0941 Datasheet HTML 7Page - STMicroelectronics TN0941 Datasheet HTML 8Page - STMicroelectronics TN0941 Datasheet HTML 9Page - STMicroelectronics TN0941 Datasheet HTML 10Page - STMicroelectronics TN0941 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID023775 Rev 1
7/16
TN0941
What are the following core features of reset and supervisor ICs used for?
16
5.3
Manual reset (MR)
Some supervisor devices include a manual reset input (MR) that can be used by the user, or
the external device, to generate a reset. Typically, a low cost push-button switch is
connected to the MR input, which allows the user to restart the processor without turning off
the power. No additional components are needed because supervisor devices already
include a debounce IP that filters the noise of contact closure. This function can be used to
debug, to perform the final test of a processor, or to restart a processor that is locked. The
reset button is also useful in systems where the processor is never turned off, even when
the system is in off mode. Some processors include an internal reset that operates correctly
under stable power supply conditions, but usually has difficulties in handling voltage drops
and transients as well as looser tolerances for VRST. The use of an external reset is
therefore recommended.
More details
•
See AN1957: Microprocessor Supervisor Functions, page 13
•
See AN1772: How to Control Power-up/Reset and Monitor the Voltage in
Microprocessor Systems using ST Reset Circuits
5.4
Reset pulse width (tREC)
The tREC time defines the pulse width duration when the reset output is asserted. It
guarantees that all connected devices are properly reset and that the system restarts
synchronously. Typical values are 150 ms or 210 ms, but the ST portfolio offers
configurations from 1.4 ms to 1680 ms and even an adjustable configuration.
Suggested products
For further information on tREC times, please refer to the following products:
•
STM6321 when tREC = 1.4 ms
•
STM6315 when tREC = 1680 ms
•
STM1831 when tREC is adjustable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com