Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0941 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TN0941
Description  When to and why use reset and supervisor ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0941 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TN0941 Datasheet HTML 5Page - STMicroelectronics TN0941 Datasheet HTML 6Page - STMicroelectronics TN0941 Datasheet HTML 7Page - STMicroelectronics TN0941 Datasheet HTML 8Page - STMicroelectronics TN0941 Datasheet HTML 9Page - STMicroelectronics TN0941 Datasheet HTML 10Page - STMicroelectronics TN0941 Datasheet HTML 11Page - STMicroelectronics TN0941 Datasheet HTML 12Page - STMicroelectronics TN0941 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID023775 Rev 1
9/16
TN0941
What are the following additional options of reset and supervisor ICs used for?
16
6
What are the following additional options of reset
and supervisor ICs used for?
6.1
Backup battery switchover
A common task of battery switchover devices is to provide an uninterrupted power supply to
external devices (SRAM for example) in the event of a power failure (voltage drops,
brownout). Battery switchover devices can also be useful in portable devices. When the
external power supply (such as the AC power supply adapter) is disconnected, the battery
switchover device switches to the internal supply (such as a battery). Battery switchover
devices can be used as a main power supply backup for MCUs, memories, and other
peripherals, and to prevent system failures.
Advantages of battery switchover devices
•
They provide continuous and reliable operation, even if the external supply fails
•
They extend the battery lifetime
•
They allow debouncing of the power spikes while connecting and disconnecting the AC
adapter.
Note:
When the battery is first connected without VCC power applied, the device does not
immediately provide battery backup voltage on VOUT. Only after VCC exceeds VRST will the
switchover operate. This mode allows a battery to be attached during manufacturing but not
used until the system has been activated for the first time. As a result, no battery power is
consumed by the device during storage and shipment. If the backup battery is not used,
connect both VBAT and VOUT to VCC.
More details
See AN1957: Microprocessor Supervisor Functions, page 13
Suggested products
For further information on battery switchover devices, please refer to the following products:
STM690, STM704, STM795, STM802, STM804, STM805, STM806, STM817, STM818,
and STM819.
Design tip
Supervisor circuits are not short-circuit protected. Shorting VOUT to ground - excluding
power-up transients such as charging a decoupling capacitor - destroys the device.
Therefore, it is recommended to decouple both VCC and VBAT pins to ground by placing the
0.1
μF capacitors as close to the device as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com