Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0991 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TN0991
Description  Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0991 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TN0991 Datasheet HTML 6Page - STMicroelectronics TN0991 Datasheet HTML 7Page - STMicroelectronics TN0991 Datasheet HTML 8Page - STMicroelectronics TN0991 Datasheet HTML 9Page - STMicroelectronics TN0991 Datasheet HTML 10Page - STMicroelectronics TN0991 Datasheet HTML 11Page - STMicroelectronics TN0991 Datasheet HTML 12Page - STMicroelectronics TN0991 Datasheet HTML 13Page - STMicroelectronics TN0991 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Packing specifications and labelling description
TN0991
10/21
DocID024463 Rev 2
shelf life or humidity. The material does not break when bent and does not have any powder
or flake residue that rubs off.
2.2
Cover tape
The carrier tape is sealed with a transparent antistatic (surface resistivity ranging from
105
Ω/sq to 1012 Ω/sq) polyester film cover tape using a heat activated adhesive. The cover
tape tensile strength is higher than 10 N.
The peeling force of the cover tape ranging from 0.1 N to 0.7 N in accordance with the
testing method EIA-481-C and IEC 60286-3. Cover tape is peeled back in the direction
opposite to the carrier tape travel. The angle between the cover tape and the carrier tape is
between 165 and 180 °, and the test is performed at a speed of 120 ± 10 % mm/min.
2.3
Reels
The sealed carrier tape containing the WLCSP is reeled on 7 inch reels (see Figure 6 and
Table 3
for reel mechanical dimensions). These reels are compliant with EIA-481-C
standard. In particular, they are made of an antistatic polystyrene material. The reel color
may vary depending on supplier.
Dice quantity per reel is 3000 (with typical package thickness equal to 650 µm). In
compliance with the IEC 60286-3, each reel contains a maximum of 0.1 % empty cavities.
Two successive empty cavities are not allowed. A reel may contain devices coming from 2
different wafer lots.
The reels have a minimum leader of 600 mm and a minimum trailer of 160 mm (in
compliance with EIA-481-C and IEC 60286-3 standards). The leader makes up a portion of
carrier tape with empty cavities and sealed by cover tape at the beginning of the reel
(external side). It is affixed to the last turn of the carrier tape by using adhesive tape. The
trailer is located at the end of the reel and consists of empty sealed cavities.
Table 2. Tape cavity size
Die dimensions
Tape cavity dimension (A0 and B0)
Die with both sides
≤1.5 mm
Die side size + 70 μm
Die with one side > 1.5 mm
Cavity dimensions must ensure that component rotation
cannot exceed 5 ° max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com