Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3524 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3524
Description  Adjustable TFT Bias Supply with WLED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3524 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3524 Datasheet HTML 8Page - Linear Technology LTC3524 Datasheet HTML 9Page - Linear Technology LTC3524 Datasheet HTML 10Page - Linear Technology LTC3524 Datasheet HTML 11Page - Linear Technology LTC3524 Datasheet HTML 12Page - Linear Technology LTC3524 Datasheet HTML 13Page - Linear Technology LTC3524 Datasheet HTML 14Page - Linear Technology LTC3524 Datasheet HTML 15Page - Linear Technology LTC3524 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3524
13
3524f
and VH should be at least 0.47μF. Please be certain that
the capacitors used are rated for the maximum voltage
with adequate safety margin. Refer to Table 2 for a listing
of capacitor vendors.
Table 2. Capacitor Vendor Information
Supplier
Phone
Website
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
Samsung
(408) 544-5200
www.sem.samsung.com
Taiyo Yuden
(800) 368-2496
www.t-yuden.com
TDK
(847) 803-6100
www.component.tdk.com
APPLICATIONS INFORMATION
Figure 4. Suggested Layout Two Layer Board (Not to Scale)
Printed Circuit Board Layout Guidelines
High-speed operation of the LTC3524 demands care-
ful attention to PCB layout. You will not get advertised
performance with a careless layout. Figure 4 shows the
recommended component placement for a double layer
PCB. The bottom layer is used as a common ground plane
except for the VN trace.
VOUT
LAYOUT NOTES:
*KEEP RPROG AWAY FROM SW2 TRACES
LIGHT GREY TOP LAYER
VIA TO BOTTOM GROUND PLANE.
GROUND PLANE FILLS BOTTOM
VIN
VN
COMPONENT AND IC SIZES
NOT TO SCALE
TOP VIEW
24
23
22
21
20
19
7
8
9
10
11
12
6
5
1
13
14
15
16
17
18
LED2
CH
–
CH
+
VH
FBH
FBN
ELED1
PROG
ELED2
SW2
VLED
LED1
*
L2
ELED1 ELED2
ELCD
R1
VH
GND
GND
GND
WHITE LEDs
SCHOTTKY DIODE
WHITE LEDs
4
3
2
C2+
V2x
VNIN
CN+
NC
VN
ELCD
VIN
FBVO
VOUT
SW1
C2–
L1
3524 F04
SCHOTTKY
DIODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com