Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3524 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3524
Description  Adjustable TFT Bias Supply with WLED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3524 Datasheet(HTML) 2 Page - Linear Technology

  LTC3524 Datasheet HTML 1Page - Linear Technology LTC3524 Datasheet HTML 2Page - Linear Technology LTC3524 Datasheet HTML 3Page - Linear Technology LTC3524 Datasheet HTML 4Page - Linear Technology LTC3524 Datasheet HTML 5Page - Linear Technology LTC3524 Datasheet HTML 6Page - Linear Technology LTC3524 Datasheet HTML 7Page - Linear Technology LTC3524 Datasheet HTML 8Page - Linear Technology LTC3524 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3524
2
3524f
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VIN, SW1, VOUT, C2–....................................... –0.3 to 7V
ELCD, ELED1, ELED2, PROG ......................... –0.3 to 7V
FBN, FBH, FBVO ............................................. –0.3 to 7V
V2x, C2+, CH– .............................................. –0.3 to 13V
LED1, LED2, VLED, SW2 ............................. –0.3 to 22V
VNIN, VH, CH+, CN+...................................... –0.3 to 21V
VN.............................................................. –21 to +0.3V
Operating Temperature Range (Note 2) ...–40°C to 85°C
Storage Temperature Range...................–65°C to 125°C
(Referred to GND)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
●
2.5
6.0
V
VIN Quiescent Supply Current LCD
ELCD = 1.5V, ELED1,2 = GND
200
μA
VIN Quiescent Supply Current LED
ELCD = GND, ELED1,2 = 1.5V (LED1 and LED2 Open)
4mA
VOUT Quiescent Supply Current LCD
ELCD = 1.5V, ELED1,2 = GND
250
μA
VIN Quiescent Current Shutdown
ELCD = ELED1,2 = GND
.02
2
μA
Switching Frequency
LED and LCD Boosts
1
1.5
2
MHz
Maximum Duty Cycle
LED and LCD Boosts
85
94
%
VOUT Boost Regulator
FBVO Regulation Voltage
●
1.20
1.225
1.25
V
VOUT Adjust Range
See Note 3
3.0
6.0
V
24 23 22
25
21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
ELCD
VIN
FBVO
VOUT
SW1
C2–
LED2
CH–
CH+
VH
FBH
FBN
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 25) MUST BE SOLDERED TO PCB
AND CONNECTED TO GND
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 3.6V, VOUT = 5.1V, TA = 25°C, unless otherwise noted.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3524EUF#PBF
LTC3524EUF#TRPBF
3524
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3524EUF
LTC3524EUF#TR
3524
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com