Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3526LB Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3526LB
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LB Datasheet(HTML) 3 Page - Linear Technology

  LTC3526LB Datasheet HTML 1Page - Linear Technology LTC3526LB Datasheet HTML 2Page - Linear Technology LTC3526LB Datasheet HTML 3Page - Linear Technology LTC3526LB Datasheet HTML 4Page - Linear Technology LTC3526LB Datasheet HTML 5Page - Linear Technology LTC3526LB Datasheet HTML 6Page - Linear Technology LTC3526LB Datasheet HTML 7Page - Linear Technology LTC3526LB Datasheet HTML 8Page - Linear Technology LTC3526LB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3526L/LTC3526LB

3526lfc
Note 1:StressesbeyondthoselistedunderAbsoluteMaximumRatings
maycausepermanentdamagetothedevice.ExposuretoanyAbsolute
MaximumRatingconditionforextendedperiodsmayaffectdevice
reliabilityandlifetime.
Note 2:TheLTC3526LE/LTC3526LBEareguaranteedtomeetperformance
specificationsfrom0°Cto85°C.Specificationsover–40°Cto85°C
operatingtemperaturerangeareassuredbydesign,characterizationand
correlationwithstatisticalprocesscontrols.
Note 3:Specificationisguaranteedbydesignandnot100%testedin
production.
Note 4:Currentmeasurementsaremadewhentheoutputisnotswitching.
Note 5:ThisICincludesovertemperatureprotectionthatisintended
toprotectthedeviceduringmomentaryoverloadconditions.Junction
temperaturewillexceed125°Cwhenovertemperatureprotectionisactive.
Continuousoperationabovethespecifiedmaximumoperatingjunction
temperaturemayresultindevicedegradationorfailure.
Note 6:FailuretosoldertheexposedbacksideofthepackagetothePC
boardgroundplanewillresultinathermalresistancemuchhigherthan
102°C/W.
Efficiency vs Load Current and VIN
for VOUT = 1.8V (LTC3526L)
Efficiency vs Load Current and VIN
for VOUT = 3.3V (LTC3526L)
Efficiency vs Load Current and VIN
for VOUT = 5V (LTC3526L)
No-Load Input Current vs VIN
(LTC3526L)
Maximum Output Current vs VIN
Minimum Load Resistance
During Start-Up vs VIN
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526l G01
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
VIN = 1.0V
VIN = 1.2V
VIN = 1.5V
PLOSS AT VIN = 1.0V
PLOSS AT VIN = 1.2V
PLOSS AT VIN = 1.5V
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526l G02
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
VIN = 1.2V
VIN = 1.8V
VIN = 2.4V
VIN = 3.0V
PLOSS AT VIN = 1.2V
PLOSS AT VIN = 1.8V
PLOSS AT VIN = 2.4V
PLOSS AT VIN = 3.0V
VIN (V)
0.5
60
70
80
4.5
3526l G04
50
40
10
1.5
2.5
3.5
1.0
2.0
3.0
4.0
30
20
100
90
VOUT = 3.3V
VOUT = 5V
VOUT = 2.5V
VOUT = 1.8V
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526l G03
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
VIN = 1.2V
VIN = 2.4V
VIN = 3.6V
VIN = 4.2V
PLOSS AT VIN = 1.2V
PLOSS AT VIN = 2.4V
PLOSS AT VIN = 3.6V
PLOSS AT VIN = 4.2V
VIN (V)
0.5
200
300
4.5
3526l G05
100
0
1.5
2.5
3.5
1.0
2.0
3.0
4.0
400
150
250
50
350
VOUT = 3.3V
VOUT = 5V
VOUT = 2.5V
VOUT = 1.8V
L = 4.7µH
VIN (V)
0.65
100
1000
10000
1.05
0.95
0.75
1.15
0.85
3526l G06
10
VOUT = 3.3V
electricAl chArActeristics
typicAl perForMAnce chArActeristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com