Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3526LB Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3526LB
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LB Datasheet(HTML) 4 Page - Linear Technology

  LTC3526LB Datasheet HTML 1Page - Linear Technology LTC3526LB Datasheet HTML 2Page - Linear Technology LTC3526LB Datasheet HTML 3Page - Linear Technology LTC3526LB Datasheet HTML 4Page - Linear Technology LTC3526LB Datasheet HTML 5Page - Linear Technology LTC3526LB Datasheet HTML 6Page - Linear Technology LTC3526LB Datasheet HTML 7Page - Linear Technology LTC3526LB Datasheet HTML 8Page - Linear Technology LTC3526LB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3526L/LTC3526LB

3526lfc
–50 –30 –10
10
30
50
70
90
TEMPERATURE (°C)
1.0
1.1
1.2
3526l G12
0.8
0.7
1.3
0.9
NORMALIZED TO 25°C
Start-Up Delay Time vs VIN
Burst Mode Threshold Current
vs VIN (LTC3526L)
Oscillator Frequency Change
vs VOUT
RDS(ON) vs VOUT
Oscillator Frequency Change
vs Temperature
RDS(ON) Change vs Temperature
VIN (V)
1.0
0
10
30
40
50
100
70
2.0
3.0
3.5
3526l G07
20
80
90
60
1.5
2.5
4.0
4.5
VIN (V)
1.0
0
5
10
15
20
25
30
1.25
1.5
3526l G08a
ENTER BURST
LEAVE BURST
VOUT = 1.8V
COUT = 10µF
L = 4.7µH
Burst Mode Threshold Current
vs VIN (LTC3526L)
VIN (V)
1.0
15
20
25
3526l G08b
10
5
0
1.25
1.5
30
2.0
1.75
ENTER BURST
LEAVE BURST
VOUT = 2.5V
COUT = 10µF
L = 4.7µH
Burst Mode Threshold Current
vs VIN (LTC3526L)
Burst Mode Threshold Current
vs VIN (LTC3526L)
VIN (V)
1.0
0
5
15
20
25
35
1.5
2.0
3526l G08c
10
40
30
2.5
3.0
ENTER BURST
LEAVE BURST
VOUT = 3.3V
COUT = 10µF
L = 4.7µH
VIN (V)
1.0
40
50
2.5
3.5
3526l G08d
30
20
1.5
2.0
3.0
4.0
4.5
10
0
ENTER BURST
LEAVE BURST
VOUT = 5V
COUT = 10µF
L = 4.7µH
VOUT (V)
1.5
1
2
3
3.0
4.0
3526l G09
0
–1
2.0
2.5
3.5
4.5
5.0
–2
–3
NORMALIZED TO VOUT = 3.3V
VOUT (V)
1.5
0.50
0.45
0.80
0.85
0.90
2.5
3.5
4.0
3526l G10
0.35
0.70
0.60
0.40
0.75
0.30
0.65
0.55
2.0
3.0
4.5
5.0
PMOS
NMOS
–50 –30 –10
10
30
50
70
90
TEMPERATURE (°C)
4
6
8
3526l G11
0
–10
–8
–6
10
2
–2
–4
NORMALIZED TO 25°C
typicAl perForMAnce chArActeristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com